Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 365 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 365 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 362Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 363Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 364Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 365Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 366Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 367Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 369Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-11
Table 9-7 describes the CSn_CONFIG register fields.
9.4.1.3
DDR SDRAM Timing Configuration 1 (TIMING_CFG_1)
DDR SDRAM timing configuration register 1, shown in Figure 9-4, sets the number of clock
cycles between various SDRAM control commands.
Table 9-7. CSn_CONFIG Field Descriptions
Bits
Name
Description
0CS_n_EN
Chip select n enable
0 Chip select n is not active.
1 Chip select n is active and assumes the state set in CSn_BNDS.
1–7
—
Reserved
8
AP_n_EN
Chip select n auto precharge enable
0 Chip select n is auto precharged only if global auto precharge mode is enabled
(DDR_SDRAM_INTERVAL[BSTOPRE] = 0).
1 Chip select n always issues an auto precharge for read and write transactions.
9–20
—
Reserved
21–23
ROW_BITS_CS_n
Number of row bits for SDRAM on chip select n
000 12 row bits
001 13 row bits
010 14 row bits
011–111 Reserved
24–28
—
Reserved
29–31
COL_BITS_CS_n
Number of column bits for SDRAM on chip select n
000 8 column bits
001 9 column bits
010 10 column bits
011 11 column bits
011–111 Reserved
0
1
3
4
7
8
9
11 1213
1516
19 20 21
2324
25
27
28 29
31
R0
PRETOACT ACTTOPRE
0
ACTTORW
0
CASLAT REFREC
0
WRREC
0
ACTTOACT
0
WRTORD
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_2108
Figure 9-4. DDR SDRAM Timing Configuration Register 1 (TIMING_CFG_1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com