Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 361 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 361 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 362Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 363Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 364Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 365Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 1302 page
background image
External Signal Descriptions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-7
MRAS
O
Row address strobe. Active-low SDRAM address multiplexing signal. Asserted for activate
commands. In addition; used for mode register set commands and refresh commands.
State
Meaning
Asserted—Indicates that a valid SDRAM row address is on the address bus for read and
write transactions. See Table 9-28 for more information on the states required on
MRAS for various other SDRAM commands.
Negated—The row address is not guaranteed to be valid.
Timing Assertion/Negation—Timing is directed by the values described in Section 9.4.1.3, “DDR
SDRAM Timing Configuration 1 (TIMING_CFG_1).”
High impedance—MRAS is always driven unless the memory controller is idle.
MCS[0:3]
O
Chip select. Four chip selects supported by the memory controller.
State
Meaning
Asserted—Selects a physical SDRAM bank to perform a memory operation as described
in Section 9.4.1.1, “Chip Select Memory Bounds (CSn_BNDS),” and Section 9.4.1.2,
“Chip Select Configuration (CSn_CONFIG).” The DDR controller asserts one of the
MCS[0:3] signals to begin a memory cycle.
Negated—Indicates no SDRAM action during the current cycle
Timing Assertion/Negation—Asserted to signal any new transaction to the SDRAM. The
transaction must adhere to the timing constraints set in TIMING_CFG_1.
High impedance—Always driven unless the memory controller is disabled
MWE
O
Write enable. Asserted when a write transaction is issued to the SDRAM. This is also used for mode
registers set commands and precharge commands.
State
Meaning
Asserted—Indicates a memory write operation. See Table 9-28 for more information on the
states required on MWE for various other SDRAM commands.
Negated—Indicates a memory read operation
Timing Assertion/Negation—Similar timing as MRAS and MCAS. Used for write commands.
High impedance—MWE is always driven unless the memory controller is idle.
MDM[0:8]
O
DDR SDRAM data output mask. Masks unwanted bytes of data transferred during a burst write. They
are needed to support sub-burst-size transactions (such as single-byte writes) on SDRAM where all
I/O occurs in multi-byte bursts. MDM0 corresponds to the most significant byte (MSB); MDM7
corresponds to the LSB. MDM8 corresponds to the ECC byte. Table 9-25 shows byte lane encodings.
State
Meaning
Asserted—Prevents writing to DDR SDRAM. Asserted when data is written to DRAM if the
corresponding byte(s) should be masked for the write. Note that the MDMn signals
are active-high for the DDR controller. MDMn is part of the DDR command encoding.
Negated—Allows the corresponding byte to be read from or written to the SDRAM
Timing Assertion/Negation—Same timing as MDQx as outputs
High impedance—Always driven unless the memory controller is disabled
Table 9-3. Memory Interface Signals—Detailed Signal Descriptions (continued)
Signal(s)
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com