Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 357 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 357 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 353Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 354Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 361Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 1302 page
background image
External Signal Descriptions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-3
•
Two-entry input request queue
•
Open page management (dedicated entry for each logical bank)
•
Memory controller clock frequency of two times the SDRAM clock with support for sleep
power management
•
Support for error injection
9.2.1
Modes of Operation
The DDR memory controller supports the following modes:
•
Dynamic power management mode. The DDR memory controller can reduce power
consumption by negating the SDRAM CKE signal when no transactions are pending to the
SDRAM.
•
Auto-precharge mode. Clearing DDR_SDRAM_INTERVAL[BSTOPRE] causes the
memory controller to issue an auto precharge command with every read or write
transaction. Auto precharge mode can be enabled for separate chip selects by setting
CSn_CONFIG[AP_n_EN].
9.3
External Signal Descriptions
This section provides descriptions of the DDR memory controller’s external signals. It describes
each signal’s behavior when the signal is asserted or negated and when the signal is an input or an
output.
NOTE
A bar over a signal name indicates that the signal is active low, such
as AS (address strobe). Active-low signals are referred to as asserted
(active) when they are low and negated when they are high. Signals
that are not active low, such as NMI (nonmaskable interrupt), are
referred to as asserted when they are high and negated when they are
low.
9.3.1
Signals Overview
Memory controller signals are grouped as follows:
•
Memory interface signals
•
Clock signals
•
Debug signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com