Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 356 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 356 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 352Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 353Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 354Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 360Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-2
Freescale Semiconductor
DDR Memory Controller
Figure 9-1. DDR Memory Controller Simplified Block Diagram
9.2
Features
The DDR memory controller includes these distinctive features:
•
Support for DDR SDRAM
•
64-/72-bit SDRAM data bus
•
Programmable settings for meeting all SDRAM timing parameters
•
The following SDRAM configurations are supported
— As many as four physical banks (chip selects), each bank independently addressable
— 64-Mbit to 1-Gbit devices with
×8/×16 data ports (no direct ×4 support)
— Unbuffered and registered DIMMs
•
Support for data mask signals and read-modify-write for sub-double word writes. Note that
read-modify-write sequence is only necessary when ECC is enabled.
•
Support for double-bit error detection and single-bit error correction ECC (8-bit check
word across 64-bit data)
Address from
DDR SDRAM
Data from
Data from
DDR SDRAM
Data Signals
RMW
ECC
Request from
Row
Physical Bank,
FIFO
SDRAM
Address
Open Row
Address
EN
EN
Data Qualifiers
Clocks
To Error
MA[0:14]
MBA[0:1]
MCS[0:3]
MCAS
MRAS
MWE
MDM[0:8]
MCKE[0:1]
MDQS[0:8]
MDQ[0:63]
MECC[0:7]
MCK[0:5]
MSYNC_OUT
MSYNC_IN
Decode
Control
Open
Logical Bank,
Row
Table
Control
DLL
Input
Staging
Queue
Memory Array
Memory Control
Master
Master
SDRAM
Master
Management
MCK[0:5]
ECM
ECC
Delay chain
Error
Signals
SDRAM
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com