Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 359 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 359 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 362Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 363Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 1302 page
background image
External Signal Descriptions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-5
9.3.2
Detailed Signal Descriptions
The following sections describe the DDR SDRAM controller input and output signals, the
meaning of their different states, and relative timing information for assertion and negation.
9.3.2.1
Memory Interface Signals
Table 9-3 describes the DDR controller memory interface signals.
Table 9-3. Memory Interface Signals—Detailed Signal Descriptions
Signal(s)
I/O
Description
MDQ[0:63]
I/O
Data bus. Both input and output signals on the DDR memory controller.
O
As outputs for the bidirectional data bus, these signals operate as described below.
State
Meaning
Asserted/Negated—Represent the value of data being driven by the DDR memory
controller.
Timing Assertion/Negation—Driven coincident with corresponding data strobes (MDQS) signal.
High-impedance—No READ or WRITE command is in progress; data is not being driven
by the memory controller or the DRAM.
I
As inputs for the bidirectional data bus, these signals operate as described below.
State
Meaning
Asserted/Negated—Represents the state of data being driven by the external DDR
SDRAMs.
Timing Assertion/Negation—The DDR DIMM drives data during a READ transaction.
High-impedance—No READ or WRITE command in progress; data is not being driven by
the memory controller or the DRAM.
MDQS[0:8]
I/O
Data strobes. Inputs with read data and as outputs with write data.
O
As outputs, the data strobes are driven by the DDR memory controller during a write transaction. The
memory controller always drives these signals low unless a read has been issued and incoming data
strobes are expected. This keeps the data strobes from floating high when there are no transactions
on the DRAM interface.
State
Meaning
Asserted/Negated—Driven high when positive capture data is transmitted/received and
driven low when negative capture data is transmitted/received. Centered in the data
“eye” for writes; coincident with the data eye for reads. Treated as a clock. Data is
valid when signals toggle. See Table 9-25 for byte lane assignments.
Timing Assertion/Negation—If a WRITE command is registered at clock edge n, data strobes at
the DRAM assert centered in the data “eye” on clock edge n + 1. See the JEDEC
DDR SDRAM specification for more information.
I
As inputs, the data strobes are driven by the external DDR SDRAMs during a read transaction. The
data strobes are used by the memory controller to synchronize data latching.
State
Meaning
Asserted/Negated—Driven high when positive capture data is transmitted/received and
driven low when negative capture data is transmitted/received. Centered in the data
“eye” for writes; coincident with the data eye for reads. Treated as a clock. Data is
valid when signals toggle. See Table 9-25 for byte lane assignments.
Timing Assertion/Negation—If a READ command is registered at clock edge n, and the latency is
programmed in TIMING_CFG_1[CASLAT] to be m clocks, data strobes at the DRAM
assert coincident with the data on clock edge n+ m. See the JEDEC DDR SDRAM
specification for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com