Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 358 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 358 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 354Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 362Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-4
Freescale Semiconductor
DDR Memory Controller
Table 9-1 shows how DDR memory controller external signals are grouped. The MPC8540
Integrated Host Processor Hardware Specifications has a pinout diagram showing pin numbers.
It also lists all electrical and mechanical specifications.
Table 9-2 shows the memory address signal mappings.
Table 9-1. DDR Memory Interface Signal Summary
Name
Function/Description
Reset
Pin
s
I/O
MDQ[0:63]
Data bus
All zeros
64
I/O
MDQS[0:8]
Data strobes
All zeros
9
I/O
MECC[0:7]
Error checking and correcting
All zeros
8
I/O
MCAS
Column address strobe
One
1
O
MA[0:14]
Address bus
All zeros
15
O
MBA[0:1]
Logical bank address
All zeros
2
O
MCS[0:3]
Chip select
All ones
4
O
MWE
Write enable
One
1
O
MRAS
Row address strobe
One
1
O
MDM[0:8]
Data mask
All zeros
9
O
MCK[0:5]
DRAM clock outputs
All zeros
6
O
MCK[0:5]
DRAM clock outputs (complement)
All ones
6
O
MCKE[0:1]
DRAM clock enable
All zeros
2
O
MSYNC_IN
DRAM DLL synchronization in
Zero
1
I
MSYNC_OUT DRAM DLL synchronization out
One
1
O
MDVAL
Memory debug data valid
Zero
1
O
MSRCID[0:4]
Memory debug source ID
All zeros
5
O
Table 9-2. Memory Address Signal Mappings
Signal Name
(Outputs)
JEDEC DDR DIMM Signals (Inputs)
Signal Name
(Outputs)
JEDEC DDR DIMM Signals (Inputs)
SDRAM 168-Pin DIMM
SDRAM 168-Pin DIMM
msb
MA14
—
MA5
A5
MA13
A13
MA4
A4
MA12
A12
MA3
A3
MA11
A11
MA2
A2
MA10
A10(AP)
MA1
A1
MA9
A9
MA0
A0
MA8
A8
MBA1
BA1
MA7
A7
lsb
MBA0
BA0
MA6
A6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com