Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 360 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 360 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 362Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 363Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 364Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-6
Freescale Semiconductor
DDR Memory Controller
MECC[0:7]
I/O
Error checking and correcting codes. Input and output signals for the DDR controller’s bidirectional
ECC bus. MECC[0:5] function in both normal and debug modes.
O
As normal mode outputs the ECC signals represent the state of ECC driven by the DDR controller on
writes. As debug mode outputs MECC[0:5] provide source ID and data-valid information. See
Section 20.4.3.2, “Debug Information on ECC Pins,” for more details.
State
Meaning
Asserted/Negated—Represents the state of ECC being driven by the DDR controller on
writes.
Timing Assertion/Negation—Same timing as MDQ
High-impedance—Same timing as MDQ
I
As inputs, the ECC signals represent the state of ECC driven by the SDRAM devices on reads.
State
Meaning
Asserted/Negated—Represents the state of ECC being driven by the DDR SDRAMs on
reads.
Timing Assertion/Negation—Same timing as MDQ
High-impedance—Same timing as MDQ
MA[0:14]
O
Address bus. Memory controller outputs for the address to the DRAM. MA[0:14] carry 15 of the
address bits for the DDR memory interface corresponding to the row and column address bits. MA[0]
is the lsb of the address output from the memory controller.
State
Meaning
Asserted/Negated—Represents the address driven by the DDR memory controller.
Contains different portions of the address depending on the memory size and the
DRAM command being issued by the memory controller. SeeTable 9-27 for a
complete description of the mapping of these signals.
Timing Assertion/Negation—The address is always driven when the memory controller is active.
It is valid when a transaction is driven to DRAM (when MCSn is negated).
High-impedance—When the memory controller is idle.
MBA[0:1]
O
Logical bank address. Outputs that drive the logical (or internal) bank address pins of the SDRAM.
Each SDRAM supports four addressable logical sub-banks. Bit zero of the memory controller’s output
bank address must be connected to bit zero of the SDRAM’s input bank address. MBA[0] is asserted
during the mode register set command to specify the extended mode register.
State
Meaning
Asserted/Negated—Selects the DDR SDRAM logical (or internal) bank to be activated
during the row address phase and selects the SDRAM internal bank for the read or
write operation during the column address phase of the memory access. Table 9-27
describes the mapping of these signals in all cases.
Timing Assertion/Negation—Same timing as MAn
High-impedance—Same timing as MAn
MCAS
O
Column address strobe. Active-low SDRAM address multiplexing signal. MCAS is asserted for read
or write transactions and for mode register set, refresh, and precharge commands.
State
Meaning
Asserted—Indicates that a valid SDRAM column address is on the address bus for read
and write transactions. See Table 9-28 for more information on the states required on
MCAS for various other SDRAM commands.
Negated—The column address is not guaranteed to be valid.
Timing Assertion/Negation—Assertion and negation timing is directed by the values described in
Section 9.4.1.3, “DDR SDRAM Timing Configuration 1 (TIMING_CFG_1).”
High-impedance—MCAS is always driven unless the memory controller is idle.
Table 9-3. Memory Interface Signals—Detailed Signal Descriptions (continued)
Signal(s)
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com