Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 362 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 362 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 362Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 363Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 364Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 365Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 366Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-8
Freescale Semiconductor
DDR Memory Controller
9.3.2.2
Clock Interface Signals
Table 9-4 contains the detailed descriptions of the clock signals of the DDR controller.
9.3.2.3
Debug Signals
The debug signals MSRCID[0:4] and MDVAL have no function in normal DDR controller
operation. A detailed description of these signals can be found in Section 20.4.3, “DDR SDRAM
Interface Debug.”
Table 9-4. Clock Signals—Detailed Signal Descriptions
Signal(s)
I/
O
Description
MCK[0:5],
MCK[0:5]
O DRAM clock outputs and their complements. See Section 9.5.4.1, “Clock Distribution.”
State
Meanin
g
Asserted/Negated—The JEDEC DDR SDRAM specifications require true and
complement clocks. A clock edge is seen by the SDRAM when the true and
complement cross.
Timing Assertion/Negation—Should be synchronized at the SDRAM with the internal clocks of
the MPC8540. This is done with the DLL.
MCKE[0:1]
O Clock enable. Two identical output signals (each hereafter referred to simply as MCKE) used as
the clock enable to one or more SDRAMs. MCKE can be negated to stop clocking the DDR
SDRAM. While this results in system power savings, the user is cautioned to disable SDRAM
clocking only when there are no transactions on the interface.
State
Meanin
g
Asserted—Clocking to the SDRAM is enabled.
Negated—Clocking to the SDRAM is disabled and the SDRAM should ignore signal
transitions on MCK or MCK. MCK/MCK are don’t cares while MCKE is negated.
Timing Assertion/Negation—Similar timing to MAn
High impedance—Always driven
MSYNC_IN
I
DRAM DLL synchronization input. The DLL uses this input from the feedback loop to synchronize
SDRAM clocks with the internal clocks of the MPC8540. See Section 9.5.4.1, “Clock Distribution.”
State
Meanin
g
Asserted/Negated—Toggles at the same frequency as the applied SDRAM clocks
(MCKx), but is not in phase with MCKn
Timing Assertion/Negation—This is used for locking the DLL.
MSYNC_OU
T
O DRAM DLL synchronization output. Output for the DLL feedback loop. See Section 9.5.4.1, “Clock
Distribution.”
State
Meanin
g
Asserted/Negated—See MSYNC_IN description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com