Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 363 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 363 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 362Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 363Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 364Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 365Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 366Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 367Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-9
9.4
Memory Map/Register Definition
Table 9-5 shows the register memory map for the DDR memory controller. Undefined 4-byte
address spaces within offset 0x000–0xFFF are reserved.
9.4.1
Register Descriptions
This section describes the DDR memory controller registers. Shading indicates reserved fields that
should not be written.
Table 9-5. DDR Memory Controller Memory Map
Offset
Register
Access
Reset
Section/Page
0x0_2000
CS0_BNDS—Chip select 0 memory bounds
R/W
0x0000_0000
9.4.1.1/9-10
0x0_2008
CS1_BNDS—Chip select 1 memory bounds
0x0_2010
CS2_BNDS—Chip select 2 memory bounds
0x0_2018
CS3_BNDS—Chip select 3 memory bounds
0x0_2080
CS0_CONFIG—Chip select 0 configuration
R/W
0x0000_0000
9.4.1.2/9-10
0x0_2084
CS1_CONFIG—Chip select 1 configuration
0x0_2088
CS2_CONFIG—Chip select 2 configuration
0x0_208C CS3_CONFIG—Chip select 3 configuration
0x0_2108
TIMING_CFG_1—DDR SDRAM timing configuration 1
R/W
0x0000_0000
9.4.1.3/9-11
0x0_210C TIMING_CFG_2—DDR SDRAM timing configuration 2
R/W
0x0000_0000
9.4.1.4/9-13
0x0_2110
DDR_SDRAM_CFG—DDR SDRAM control configuration
R/W
0x0200_0000
9.4.1.5/9-14
0x0_2118
DDR_SDRAM_MODE—DDR SDRAM mode configuration
R/W
0x0000_0000
9.4.1.6/9-16
0x0_2124
DDR_SDRAM_INTERVAL—DDR SDRAM interval configuration
R/W
0x0000_0000
9.4.1.7/9-16
0x0_2E00
DATA_ERR_INJECT_HI—Memory data path error injection mask high
R/W
0x0000_0000
9.4.1.8/9-17
0x0_2E04
DATA_ERR_INJECT_LO—Memory data path error injection mask low
R/W
0x0000_0000
9.4.1.9/9-18
0x0_2E08
ECC_ERR_INJECT—Memory data path error injection mask ECC
R/W
0x0000_0000
9.4.1.10/9-18
0x0_2E20
CAPTURE_DATA_HI—Memory data path read capture high
R/W
0x0000_0000
9.4.1.11/9-19
0x0_2E24
CAPTURE_DATA_LO—Memory data path read capture low
R/W
0x0000_0000
9.4.1.12/9-20
0x0_2E28
CAPTURE_ECC—Memory data path read capture ECC
R/W
0x0000_0000
9.4.1.13/9-20
0x0_2E40
ERR_DETECT—Memory error detect
Special
0x0000_0000
9.4.1.14/9-21
0x0_2E44
ERR_DISABLE—Memory error disable
R/W
0x0000_0000
9.4.1.15/9-21
0x0_2E48
ERR_INT_EN—Memory error interrupt enable
R/W
0x0000_0000
9.4.1.16/9-22
0x0_2E4C CAPTURE_ATTRIBUTES—Memory error attributes capture
R/W
0x0000_0000
9.4.1.17/9-23
0x0_2E50
CAPTURE_ADDRESS—Memory error address capture
R/W
0x0000_0000
9.4.1.18/9-24
0x0_2E58
ERR_SBE—Single-Bit ECC memory error management
R/W
0x0000_0000
9.4.1.19/9-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com