Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 367 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 367 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 363Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 364Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 365Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 366Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 367Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 371Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-13
9.4.1.4
DDR SDRAM Timing Configuration 2 (TIMING_CFG_2)
DDR SDRAM timing configuration 2, shown in Figure 9-5, sets the clock delay to data for writes.
Figure 9-5. DDR SDRAM Timing Configuration Register 2 (TIMING_CFG_2)
Table 9-9 describes the TIMING_CFG_2 fields.
25–27
ACTTOAC
T
Activate-to-activate interval ( t rrd). Number of clock cycles from an activate command until another
activate command is allowed for a different logical bank in the same physical bank (chip select).
000 Reserved
001 1 clock
010 2 clocks
011 3 clocks
100 4 clocks
101–111 Reserved
28
—
Reserved, should be cleared.
29–31
WRTORD
Last write data pair to read command issue interval (twtr). Number of clock cycles between the
last write data pair and the subsequent read command to the same physical bank.
000 Reserved
001 1 clock
010 2 clocks
011 3 clocks
100 4 clocks
101 5 clocks
110 6 clocks
111 7 clocks
03
4
7
8
11
12
13
18
19
21
22
31
R 0000
CPO
0000
ACSM
000000
WR_DATA_DELAY
0000000000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_210C
Table 9-9. TIMING_CFG_2 Register Field Descriptions
Bits
Name
Description
0–3
—
Reserved
4–7
CPO
MCAS-to-preamble override. Defines the number of DRAM cycles between when a read
is issued and when the corresponding DQS preamble is valid for the memory controller.
0000 Default. MCAS to preamble is
defined as CASLAT + 1
0001
0010
+ 1/2
0011
+ 1
0100
+ 3/2
0101
+ 2
0110
+ 5/2
0111
+ 3
1000
+ 7/2
1001
+ 4
1010
+ 9/2
1011
+ 5
1100–1111 Reserved
8–11
—
Reserved
Table 9-8. TIMING_CFG_1 Field Descriptions (continued)
Bits
Name
Description
CASLAT
CASLAT
CASLAT
CASLAT
CASLAT
CASLAT
CASLAT
CASLAT
CASLAT
CASLAT
CASLAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com