Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 369 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 369 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 365Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 366Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 367Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 372Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 373Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-15
Table 9-10 describes the DDR_SDRAM_CFG fields.
Table 9-10. DDR_SDRAM_CFG Field Descriptions
Bits
Name
Description
0
MEM_EN
DDR SDRAM interface logic enable
0 SDRAM interface logic is disabled
1 SDRAM interface logic is enabled. Must not be set until all other memory configuration
parameters have been appropriately configured by initialization code.
1
SREN
Self refresh enable (during sleep)
0 SDRAM self refresh is disabled during sleep or soft-stop. Whenever self-refresh is
disabled, the system is responsible for preserving the integrity of SDRAM during sleep or
soft-stop.
1 SDRAM self refresh is enabled during sleep or soft-stop
2
ECC_EN
ECC enable. Note that uncorrectable read errors may cause the assertion of core_fault_in,
which causes the core to generate a machine check interrupt unless it is disabled (by clearing
HID1[RFXE]). If RFXE is zero and this error occurs, ERR_DISABLE[MBED] must be zero and
ERR_INT_EN[MBEE] and ECC_EN must be one to ensure an interrupt is generated. See
Section 6.10.2, “Hardware Implementation-Dependent Register 1 (HID1).”
0 No ECC errors are reported. No ECC interrupts are generated.
1 ECC is enabled.
3
RD_EN
Registered DIMM enable. Specifies the type of DIMM used in the system.
0 Indicates unbuffered DIMMs.
1 Indicates registered DIMMs.
4–5
—
Reserved
6–7
SDRAM_TYPE Type of SDRAM device to be used
00–01 Reserved
10 DDR SDRAM
11 Reserved
8–9
—
Reserved
10
DYN_PWR
Dynamic power management mode
0 Dynamic power management mode is disabled.
1 Dynamic power management mode is enabled. If there is no ongoing memory activity, the
SDRAM CKE signal is negated.
11–13
—
Reserved
14
NCAP
Non-concurrent auto precharge
0 SDRAMs in system support concurrent auto precharge.
1 SDRAMs in system do not support concurrent auto precharge.
15
—
Reserved
16
2T_EN
2T timing enable
0 1T timing is used. The SDRAM command/address are held for only 1 cycle on the SDRAM
bus.
1 2T timing is enabled. The SDRAM command/address are held for 2 full cycles on the
SDRAM bus for every SDRAM transaction. However, the chip select is only held for the
second cycle.
17–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com