Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 372 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 372 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 372Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 373Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 374Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 375Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 376Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-18
Freescale Semiconductor
DDR Memory Controller
9.4.1.9
Memory Data Path Error Injection Mask Low
(DATA_ERR_INJECT_LO)
The memory data path error injection mask low register is shown in Figure 9-10.
Figure 9-10. Memory Data Path Error Injection Mask Low Register
(DATA_ERR_INJECT_LO)
Table 9-14 describes the DATA_ERR_INJECT_LO fields.
9.4.1.10 Memory Data Path Error Injection Mask ECC
(ECC_ERR_INJECT)
The memory data path error injection mask ECC register, shown in Figure 9-11, sets the ECC
mask, enables errors to be written to ECC memory, and allows the ECC byte to mirror the most
significant data byte.
Figure 9-11. Memory Data Path Error Injection Mask ECC Register (ECC_ERR_INJECT)
0
31
R
EIML
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_2E04
Table 9-14. DATA_ERR_INJECT_LO Field Descriptions
Bits
Name
Description
0–31
EIML
Error injection mask low data path. Used to test ECC by forcing errors on the low word of the data path.
Setting a bit causes the corresponding data path bit to be inverted on memory bus writes.
0
21
22
23
24
31
R 0
0000
0000
0000
0000
0000
0
EMB EIEN
EEIM
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_2E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com