Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 355 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 355 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 351Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 352Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 353Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 354Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 359Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-1
Chapter 9
DDR Memory Controller
9.1
Introduction
The fully programmable DDR SDRAM controller supports most first-generation JEDEC standard
×8 or ×16 DDR memories available, including buffered and unbuffered DIMMs. However, mixing
unbuffered and registered DIMMs in the same system is not supported. Built-in error checking and
correction (ECC) ensures very low bit-error rates for reliable high-frequency operation. Dynamic
power management and auto-precharge modes simplify memory system design. A large set of
special features, including DLL software override, crawl mode, and ECC error injection support
rapid system debug.
NOTE
In this chapter, the word ‘bank’ refers to a physical bank specified by
a chip select; ‘logical bank’ refers to one of the four sub-banks in each
SDRAM chip. A sub-bank is specified by the two least significant bits
(lsbs) of a bank address.
Figure 9-1 is a high-level block diagram of the DDR memory controller with its associated
interfaces. Section 9.5, “Functional Description,” contains detailed figures of the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com