Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 353 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 353 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 349Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 350Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 351Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 352Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 353Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 354Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 357Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
8-11
EEBACR[A_STRM_CNT] allows users to balance response latency with throughput and should
prove useful in tuning systems with multiple time-critical tasks. The default value of 0b11 causes
the ECM to attempt to stream as many as four transactions initiated from the same CCB master.
Increasing this value increases the maximum number of transactions that may be streamed
together from any one CCB master. Raising this value can increase throughput for high priority
transactions, but may increase latency for lower priority transactions from another CCB master.
Note that the e500 core must also have streaming enabled (through HID1[ASTME]) for the CCB
to stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com