Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 349 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 349 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 345Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 346Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 347Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 348Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 349Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 350Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 351Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 352Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 353Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
8-7
Table 8-5 describes EEER fields.
8.2.1.5
ECM Error Attributes Capture Register (EEATR)
The ECM error attributes capture register (EEATR) is shown in Figure 8-6.
Figure 8-6. ECM Error Attributes Capture Register (EEATR)
Table 8-6 describes EEATR fields.
Table 8-5. EEER Field Descriptions
Bits
Name
Description
0–30
—
Reserved
31
LAEE Local access error enable. Note that a read that attempts to access an unmapped target causes the
assertion of core_fault_in, which causes the core to generate a machine check interrupt, unless it is
disabled (by clearing HID1[RFXE]). If RFXE is zero and this error occurs, LAEE must be set to ensure
that an interrupt is generated. For more information, see Section 6.10.2, “Hardware
Implementation-Dependent Register 1 (HID1).”
0 Disable reporting local access errors as interrupts.
1 Enable reporting local access errors as interrupts.
02
3
7
8
10 11
15 16 17
20 21
30
31
R
BYTE_CNT
SRC_ID
TTYPE
VAL
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_1E0C
Table 8-6. EEATR Field Descriptions
Bits
Name
Description
0–2
—
Reserved
3–7
BYTE_CNT Byte count. Specifies the transaction byte count.
00000 32 bytes
00001 1 byte
00010 2 bytes
00011
3 bytes
00100 4 bytes
01000 8 bytes
10000 16 bytes
8–10
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com