Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 345 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 345 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 341Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 342Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 343Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 344Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 345Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 346Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 347Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 348Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 349Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
8-3
8.2.1
Register Descriptions
This section consists of detailed descriptions of those registers summarized in Table 8-1. Note that
these registers are shown in big-endian format.
8.2.1.1
ECM CCB Address Configuration Register (EEBACR)
The ECM CCB address configuration register, shown in Figure 8-2, controls arbitration and
streaming policies for the CCB.
Figure 8-2. ECM CCB Address Configuration Register (EEBACR)
Table 8-2 describes the EEBACR fields.
Table 8-1. ECM Memory Map
Local Memory Offset
Register
Acces
s
Reset
Section/Pag
e
0x0_1000
EEBACR—ECM CCB address configuration register
R/W
0x0000_000
3
8.2.1.1/8-3
0x0_1010
EEBPCR—ECM CCB port configuration register
R/W
0x0n00_000
0
8.2.1.2/8-4
0x0_1E00
EEDR—ECM error detect register
Special 0x0000_000
0
8.2.1.3/8-5
0x0_1E08
EEER—ECM error enable register
R/W
0x0000_000
0
8.2.1.4/8-6
0x0_1E0C
EEATR—ECM error attributes capture register
R
0x0000_000
0
8.2.1.5/8-7
0x0_1E10
EEADR—ECM error address capture register
R
0x0000_000
0
8.2.1.6/8-8
027
28
29
30
31
R
A_STRM_DIS CORE_STRM_DIS A_STRM_CNT
W
Reset
0000_0000_0000_0000_0000_0000_0000_0011
Offset
0x0_1000
Table 8-2. EEBACR Field Descriptions
Bits
Name
Description
0–27
—
Reserved
28
A_STRM_DIS
Controls whether the ECM allows any streaming to occur.
0 Streaming is enabled.
1 Streaming is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com