Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 343 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 343 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 339Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 340Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 341Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 342Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 343Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 344Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 345Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 346Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 347Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
8-1
Chapter 8
e500 Coherency Module
8.1
Introduction
The e500 coherency module (ECM) provides a flexible, easily expandable switching structure for
routing e500- and I/O-initiated transactions to target modules on the device. Figure 8-1 shows a
high-level block diagram of the ECM.
Figure 8-1. e500 Coherency Module Block Diagram
8.1.1
Overview
The ECM routes transactions initiated by the e500 core to the appropriate target interface on the
device. In a manner analogous to a bridging router in a local area network, the ECM forwards
I/O-initiated transactions that are tagged with the global attribute onto the core complex bus
Data Bus
Arbiter
CCB
Arbiter
I/O Arbiter
Dispatch Bus
Global Data Bus
Port Data Buses
Core Complex Bus (to/from e500)
Port Data
Internal Global
Data Bus
Config
Reg’s
Configuration
Bus
Global
(to OCeaN,
Request
Transaction
Queue
CCB Interface
(from OCeaN,
DDR, LBC…)
DDR, LBC…)
Bus (internal)
•
•
•
•
(to OCeaN, DDR,
LBC,…)
Buses
OCeaN
TSEC1
TSEC2
10/100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com