Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 341 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 341 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 337Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 338Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 339Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 340Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 341Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 342Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 343Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 344Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 345Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
III-1
Part III
Memory and I/O Interfaces
P
Part III defines the memory and I/O interfaces of the MPC8540 and it describes how these blocks
interact with one another and with other blocks on the device. The following chapters are included:
•
Chapter 8, “e500 Coherency Module,” defines the e500 coherency module and how it
facilitates communication between the e500 core complex, the L2 cache, and the other
blocks that comprise the coherent memory domain of the MPC8540.
The ECM provides a mechanism for I/O-initiated transactions to snoop the core complex
bus (CCB) of the e500 core in order to maintain coherency across cacheable local memory.
It also provides a flexible, easily expandable switch-type structure for e500- and
I/O-initiated transactions to be routed (dispatched) to target modules on the MPC8540.
•
Chapter 9, “DDR Memory Controller,” describes the DDR SDRAM memory controller of
the MPC8540. This fully programmable controller supports most DDR memories available
today, including both buffered and unbuffered devices. The built-in error checking and
correction (ECC) ensures very low bit error rates for reliable high-frequency operation.
Dynamic power management and auto-precharge modes simplify memory system design.
A large set of special features like DLL software override, crawl mode, and ECC error
injection support rapid system debug.
•
Chapter 10, “Programmable Interrupt Controller,” describes the embedded programmable
interrupt controller (PIC) of the MPC8540. This controller is an OpenPIC-compliant
interrupt controller that provides interrupt management, and is responsible for receiving
hardware-generated interrupts from different sources (both internal and external),
prioritizing them, and delivering them to the CPU for servicing.
•
Chapter 11, “I
2C Interface,” describes the inter-IC (IIC or I2C) bus controller of the
MPC8540. This synchronous, serial, bidirectional, multi-master bus allows two-wire
connection of devices such as microcontrollers, EEPROMs, real-time clock devices, A/D
converters, and LCDs. The MPC8540 powers up in boot sequencer mode, which allows the
I
2C controller to initialize configuration registers.
•
Chapter 12, “DUART,” describes the (dual) universal asynchronous receiver/transmitters
(UARTs) which feature a PC16552D-compatible programming model. These independent
UARTs are provided specifically to support system debugging.
•
Chapter 13, “Local Bus Controller,” describes the local bus controller of the MPC8540.
The main component of the local bus controller (LBC) is its memory controller which
provides a seamless interface to many types of memory devices and peripherals. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com