Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 342 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 342 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 338Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 339Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 340Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 341Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 342Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 343Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 344Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 345Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 346Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
III-2
Freescale Semiconductor
memory controller is responsible for controlling eight memory banks shared by a high
performance SDRAM machine, a general-purpose chip-select machine (GPCM), and up to
three user-programmable machines (UPMs). As such, it supports a minimal glue logic
interface to synchronous DRAM (SDRAM), SRAM, EPROM, flash EPROM, burstable
RAM, regular DRAM devices, extended data output DRAM devices, and other peripherals.
•
Chapter 14, “Three-Speed Ethernet Controllers,” describes the two three-speed Ethernet
controllers on the MPC8540. These controllers provide 10/100/1Gb Ethernet support with
a complete set of media-independent interface options including GMII, RGMII, TBI, and
RTBI. Each controller provides very high throughput using a captive DMA channel and
direct connection to the MPC8540 memory coherency module.
•
Chapter 15, “DMA Controller,” describes the four-channel general-purpose DMA
controller of the MPC8540. The DMA controller transfers blocks of data, independent of
the e500 core or external hosts. Data movement occurs among RapidIO and the local
address space. The DMA controller has four high-speed channels. Both the e500 core and
external masters can initiate a DMA transfer. All channels are capable of complex data
movement and advanced transaction chaining.
•
Chapter 16, “PCI/PCI-X Bus Interface,” describes the PCI/PCI-X controller of the
MPC8540.
•
Chapter 17, “RapidIO Interface,” describes the RapidIO controller of the MPC8540.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com