Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 344 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 344 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 340Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 341Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 342Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 343Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 344Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 345Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 346Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 347Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 348Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
8-2
Freescale Semiconductor
e500 Coherency Module
(CCB). This allows on-chip caches to snoop these transactions as if they were locally initiated and
to take actions to maintain coherency across cacheable memory.
8.1.2
Features
The ECM includes these distinctive features:
•
Support for e500 core and an L2/SRAM on the CCB, including a CCB arbiter. It sources a
64-bit data bus for returning read data from the ECM to the e500 core and routing write data
from the ECM to the L2/SRAM. It sinks a 128-bit data bus for receiving data from the
L2/SRAM and a 128-bit write data bus from the e500 core.
•
Four connection points for I/O initiating (mastering into the device) interfaces. One of those
connection points services OCeaN initiators, one services TSEC1, one services TSEC2,
and the last services other I/O initiators. The ECM supports five connection points for I/O
targets. The DDR memory controller, local bus, OCeaN targets, programmable interrupt
controller (PIC), and configuration register access block all have a target port connection
to the ECM.
•
Split transaction support—separate address and data tenures allow for pipelining of
transactions and out-of-order data tenures between initiators and targets.
•
Proper ordering of I/O-initiated transactions.
•
Speculative read bus for low-latency dispatch of reads to the DDR controller.
•
Low-latency path for returning read data from DDR to the e500.
•
Error registers trap transactions with invalid addresses. Errors can be programmed to
generate interrupts to the e500 core, as described in the following sections:
— Section 8.2.1.3, “ECM Error Detect Register (EEDR)”
— Section 8.2.1.4, “ECM Error Enable Register (EEER)”
— Section 8.2.1.5, “ECM Error Attributes Capture Register (EEATR)”
— Section 8.2.1.6, “ECM Error Address Capture Register (EEADR)”
•
Errors from I/O devices on reads (for example, a master-aborted read transaction on the PCI
interface) terminate with corrupt data sent to the requester. If the requester is the e500 core,
the ECM also asserts core_fault_in to the core, which causes the core to generate a machine
check interrupt, unless it is disabled (by clearing HID1[RFXE]). If RFXE is zero and one
of these errors occurs, appropriate interrupts must be enabled to ensure that an interrupt is
generated. See Section 6.10.2, “Hardware Implementation-Dependent Register 1 (HID1).”
8.2
Memory Map/Register Definition
Table 8-1 shows the ECM’s memory map. Undefined 4-byte address spaces within offset
0x000–0xFFF are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com