Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 346 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 346 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 342Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 343Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 344Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 345Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 346Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 347Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 348Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 349Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 350Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
8-4
Freescale Semiconductor
e500 Coherency Module
8.2.1.2
ECM CCB Port Configuration Register (EEBPCR)
The ECM CCB port configuration register (EEBPCR) is shown in Figure 8-3.
Figure 8-3. ECM CCB Port Configuration Register (EEBPCR)
Table 8-3 describes EEBPCR fields.
29
CORE_STRM_DIS With A_STRM_DIS, controls whether the e500 core can stream commands onto the
CCB. A_STRM_DIS and CORE_STRM_DIS must both be cleared for the e500 core to
be enabled to stream address tenures that it masters.
0 Stream address tenures initiated by the e500 core, provided A_STRM_DIS is cleared.
1 Streaming of address tenures initiated by the e500 core not allowed.
30–31
A_STRM_CNT
Stream count. Specifies the maximum number of transactions that any master can stream
(issue sequentially without preemption) on the CCB following an initial transaction.
00 Reserved
01 One transaction can be streamed with the initial transaction.
10 Two transactions can be streamed with the initial transaction.
11 Three transactions can be streamed with the initial transaction. Default.
06
7
8
29
30
31
R
CPU_EN
CPU_PRI
W
Reset
0000_000n_0000_0000_0000_0000_0000_0000
Offset
0x0_1010
Table 8-3. EEBPCR Field Descriptions
Bits
Name
Description
0–6
—
Reserved
7
CPU_EN
CPU port enable. Controls boot holdoff mode when the device is an agent of an external host.
Specifies whether the e500 core (CPU) port is enabled to run transactions on the CCB. The CPU
boot configuration power-on reset pin (cfg_cpu_boot) determines the initial value of this bit. If the
pin is sampled as a logic 1 at the negation of reset, the CPU is enabled to boot at the end of the
POR sequence. Otherwise, the CPU cannot fetch its boot vector until an external host sets the
CPU_EN bit.
0 Boot holdoff mode. CPU arbitration is disabled on the CCB and no bus grants are issued.
1 CPU is enabled and receives bus grants in response to bus requests for the boot vector.
After this bit is set, it should not be cleared by software. It is not intended to dynamically enable
and disable CPU operation. It is only intended to end boot holdoff mode. See Section 4.4.3.5,
“CPU Boot Configuration,” for more information.
Table 8-2. EEBACR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com