Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 338 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 338 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 334Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 335Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 336Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 337Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 338Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 339Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 340Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 341Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 342Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-34
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
7.10 Initialization/Application Information
This section describes some required steps for initializing the L2 SRAM both in L2 cache mode,
and in memory-mapped SRAM mode. Also, it includes some guidlines for error managment.
WWK
32-byte WWF
32-byte WWF atomic
x
1
0
I/E/EL/T
I
Miss in cache external write windows
I
E/EL
Hit in cache external write window. Set lock if
CEW lock attribute set
EL
Same
EE/EL
TEL
x
0
0
I/E
I
Invalidate line
EL/T
T
Invalidate data, keep lock
< 32-byte WWF
< 32-byte WWF atomic
x
1
0
I/E
I
Miss in cache external write windows
EL/T
T
Miss in cache external write windows
I/T
Same
Hit in CEW window but need burst data
EL
Same
Hit in cache external write window
E
E/EL
Hit in cache external write window. Set lock if
CEW lock attribute set
x
0
0
I/E
I
Invalidate line
EL/T
T
Invalidate data, keep lock
Read
Read atomic
11
0
I/T
Same
EE
EL
EL
x
0
0
N/A
N/A
No L1/L2 effect
RWNITC
1
1
0
I/L/T
Same
EE
EL
EL
0
1
0
I
Same
Read-and-clear-lock
EL
E
TI
x
0
0
N/A
N/A
No L1/L2 effect
Kill
RWITM
RWITM atomic
RClaim
x
1
0
I/E
I
EL/T
T
Invalidate data, keep lock
x
0
0
I/E/EL/T
Same
Table 7-23. State Transitions Due to System-Initiated Transactions (continued)
Transaction Type
wt
ci gbl
Initial L2
State
Final L2 State
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com