Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 334 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 334 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 330Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 331Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 332Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 333Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 334Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 335Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 336Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 337Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 338Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-30
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
Table 7-21 shows L2 cache states. Note that these conventions are also used in Table 7-22.
7.9.2
Flash Invalidation of the L2 Cache
The L2 cache may be completely invalidated by setting the L2I bit of the L2 control register
(L2CTL). Note that no data is lost in this process because the L2 cache is a write-through cache
and contains no modified data. Flash invalidation of the cache is necessary when the cache is
initially enabled and may be necessary to recover from some error conditions such as a tag parity
error.
The invalidation process requires several cycles to complete. The L2I bit remains set during this
procedure and is then cleared automatically when the procedure is complete. The L2 cache
controller issues retries for all transactions on the e500 core complex bus (CCB) while the flash
invalidation process is in progress.
Note that the contents of memory-mapped SRAM regions of the data array are unaffected by a
flash invalidation of the L2 cache regions fo the array.
7.9.3
L2 State Transitions
Table 7-22 lists state transitions for all e500 core-initiated transactions that change the L2 cache
state. Core-initiated transactions caused when the core executes msync, mbar, tlbivax, or tlbsync
do not change the L2 cache state. The table does not list initial L1 states for transactions that hit
in the L1 (iL1 or dL1) and are not sent to the L2.
In the table, the heading ‘L2 hit’ indicates that the L2 provides (on a read) or captures (on a write)
data for an existing line. Some entries list two final L1 states. L2 touch instructions never allocate
into iL1 or dL1.
Table 7-21. L2 Cache States
V
T
IL
DL
L2 states
0
xxx
Invalid (I)
1000
Exclusive (E)
1001
Exclusive data locked (EDL)
1010
Exclusive instruction locked (EIL)
1011
Exclusive instruction and data locked (EL)
1100
Stale (data invalid, locks invalid) (T)
1101
Stale (data invalid, dlock valid) (TDL)
1110
Stale (data invalid, ilock valid) (TIL)
1111
Stale (data invalid, locks valid) (TL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com