Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 336 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 336 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 332Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 333Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 334Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 335Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 336Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 337Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 338Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 339Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 340Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-32
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
Cacheable load (3-state)
Cacheable lwarx (3-state)
dcbt_L1 (3-state)
dcbtls_L1 (3-state)
dL1
I
I
No
E/I
I
L2CTL[L2IO] = 1
T
No
E/I
T
L2CTL[L2IO] = 1
E
Yes
E/I
I
L2CTL[L2IO] = 1
EL
Yes
E/I
T
L2CTL[L2IO] = 1
I
No
E/I
E
L2CTL[L2IO] = 0
dcbt_L2
dcbtst_L2
dL1
I,E
E/EL
Yes
E/I
Same
L2CTL[L2IO] = 0
T
No
E/I
EL
L2CTL[L2IO] = 0. Restore locked line with valid
data from bus
dcbtst_L1
dcbtstls_L1
dL1
I
I/T
No
E
Same
EYes
E
I
EL
Yes
E
T
dcbtls_L2
dcbtstls_L2
dL1
I,E
I
No
I
I
L2CTL[L2IO] = 1
T
No
I
T
L2CTL[L2IO] = 1
E
Yes
I
I
L2CTL[L2IO] = 1
EL
Yes
I
T
L2CTL[L2IO] = 1
I
No
I
EL
L2CTL[L2IO] = 0
E/EL
Yes
I
EL
L2CTL[L2IO] = 0
T
No
I
EL
L2CTL[L2IO] = 0. Restore locked line with valid
data from bus
Write-through store
dL1
I,E,M
I/T
No
Same
I
E/EL
Yes
Same
Same
Read-modify-write
Cache-inhibited store
N/A
I/E
No
N/A
I
Invalidate line
EL/T
No
N/A
T
Invalidate data, keep lock
Cache-inhibited stwcx.
N/A
I/E
No
N/A
I
Invalidate line
EL/T
No
N/A
T
Invalidate data, keep lock
dcblc_L2
icblc_L2
dL1
I,E,M
I/E
No
Same
Same
EL
No
Same
E
TNo
Same
I
Victim castout
dcbt_L2
icbt_L2
dcbtst_L2
dL1
M
I/T
No
I
Same
L2CTL[L2IO] = 1. If software sharing cache lines
between instructions and data wishes to capture
instruction lines in L2 with L2CTL[L2IO] = 1, it must
perform dcbst to flush the line out of the dL1 before
fetching it into L2.
I
No
I
E
L2CTL[L2IO] = 0
E/EL
No
I
I/T
L2CTL[L2IO] = 1
Yes
I
Same
L2CTL[L2IO] = 0
T
Yes
I
EL
L2CTL[L2IO = 0
Table 7-22. State Transitions Due to Core-Initiated Transactions (continued)
Source of Transaction
Initial States
L2
Hit
Final States
Comments
L1
L2
L1
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com