Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 335 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 335 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 331Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 332Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 333Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 334Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 335Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 336Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 337Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 338Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 339Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 1302 page
background image
L2 Cache Operation
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
7-31
Note that if the L2 SRAM is disabled, the L2 initial and final states are always I and the L2 never
hits. Similarly, if the L2 SRAM is in full memory-mapped SRAM mode, the L2 initial and final
states are always I and the L2 never hits for addresses not in the memory-mapped SRAM address
range. The L2 always hits for addresses in the enabled memory-mapped SRAM address ranges.
Table 7-22. State Transitions Due to Core-Initiated Transactions
Source of Transaction
Initial States
L2
Hit
Final States
Comments
L1
L2
L1
L2
Cacheable instruction fetch
icbtls_L1
iL1
I
I/T
No
I/V
Same
L2CTL[L2DO] = 1. L2 touch instructions not
allocated in L1
I
No
I/V
E
L2CTL[L2DO] = 0
icbt_L2
dL1
I,E
E/EL
Yes
I/V
Same
T
No
I/V
EL
L2CTL[L2DO] = 0. Restore locked line in L2 with
valid data from bus
icbtls_L2
dL1
I,E
I/T
No
I
Same
L2CTL[L2DO] = 1
E
Yes
I
I
L2CTL[L2DO] = 1
EL
Yes
I
T
L2CTL[L2DO] = 1
I
No
I
EL
L2CTL[L2DO] = 0
E
Yes
I
EL
L2CTL[L2DO] = 0
EL
Yes
I
Same
L2CTL[L2DO] = 0
T
No
I
EL
L2CTL[L2DO] = 0. Restore locked line in L2 with
valid data from bus
Cache-inhibited instruction
fetch
N/A
N/A
No
N/A
N/A
No L1/L2 effect
Cacheable load (4-state)
Cacheable lwarx (4-state)
dcbt_L1 (4-state)
dcbtls_L1 (4-state)
dL1
I
I/T
No
E
Same
L2CTL[L2IO] = 1
E
Yes
E
I
L2CTL[L2IO] = 1
EL
Yes
E
T
L2CTL[L2IO] = 1
I
No
E
E
L2CTL[L2IO] = 0
E/EL
Yes
E
Same
L2CTL[L2IO] = 0
T
No
EL
EL
L2CTL[L2IO] = 0. Restore locked line in L2 with
valid data from bus
Cache-inhibited load
N/A
N/A
No
N/A
N/A
No L1/L2 effect
Cache-inhibited lwarx
N/A
N/A
No
N/A
N/A
No L2 effect
Writeback Store
dL1
I
I/T
No
M
Same
L2 allocates when a line is cast out of L1.
EYes
M
I
EL
Yes
M
T
Writeback stwcx.
dL1
I
I/T
No
M
Same
EYes
M
I
EL
Yes
M
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com