Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 416 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 416 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 412Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 413Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 415Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 416Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 417Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 418Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 419Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 420Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-12
Freescale Semiconductor
Programmable Interrupt Controller
0x4_1400 MSGR0—Message register 0
R/W
0x0000_0000
10.3.5.1/10-30
0x4_1410 MSGR1—Message register 1
0x4_1420 MSGR2—Message register 2
0x4_1430 MSGR3—Message register 3
0x4_1440–
0x4_14F0
Reserved
—
—
—
0x4_1500 MER—Message enable register
R/W
0x0000_0000
10.3.5.2/10-31
0x4_1510 MSR—Message status register
R/W
0x0000_0000
10.3.5.3/10-31
0x4_1520–
0x4_FFF0
Reserved
—
—
—
PIC Register Address Map—Interrupt Source Configuration Registers
0x5_0000 EIVPR0—External interrupt 0 (IRQ0) vector/priority register
R/W
0x8000_0000
10.3.6.1/10-32
0x5_0010 EIDR0—External interrupt 0 (IRQ0) destination register
R/W
0x0000_0001
10.3.6.2/10-33
0x5_0020 EIVPR1—External interrupt 1 (IRQ1) vector/priority register
R/W
0x8000_0000
10.3.6.1/10-32
0x5_0030 EIDR1—External interrupt 1 (IRQ1) destination register
R/W
0x0000_0001
10.3.6.2/10-33
0x5_0040 EIVPR2—External interrupt 2 (IRQ2) vector/priority register
R/W
0x8000_0000
10.3.6.1/10-32
0x5_0050 EIDR2—External interrupt 2 (IRQ2) destination register
R/W
0x0000_0001
10.3.6.2/10-33
0x5_0060 EIVPR3—External interrupt 3 (IRQ3) vector/priority register
R/W
0x8000_0000
10.3.6.1/10-32
0x5_0070 EIDR3—External interrupt 3 (IRQ3) destination register
R/W
0x0000_0001
10.3.6.2/10-33
0x5_0080 EIVPR4—External interrupt 4 (IRQ4) vector/priority register
R/W
0x8000_0000
10.3.6.1/10-32
0x5_0090 EIDR4—External interrupt 4 (IRQ4) destination register
R/W
0x0000_0001
10.3.6.2/10-33
0x5_00A0 EIVPR5—External interrupt 5 (IRQ5) vector/priority register
R/W
0x8000_0000
10.3.6.1/10-32
0x5_00B0 EIDR5—External interrupt 5 (IRQ5) destination register
R/W
0x0000_0001
10.3.6.2/10-33
0x5_00C0 EIVPR6—External interrupt 6 (IRQ6) vector/priority register
R/W
0x8000_0000
10.3.6.1/10-32
0x5_00D0 EIDR6—External interrupt 6 (IRQ6) destination register
R/W
0x0000_0001
10.3.6.2/10-33
0x5_00E0 EIVPR7—External interrupt 7 (IRQ7) vector/priority register
R/W
0x8000_0000
10.3.6.1/10-32
0x5_00F0 EIDR7—External interrupt 7 (IRQ7) destination register
R/W
0x0000_0001
10.3.6.2/10-33
0x5_0100 EIVPR8—External interrupt 8 (IRQ8) vector/priority register
R/W
0x8000_0000
10.3.6.1/10-32
0x5_0110 EIDR8—External interrupt 8 (IRQ8) destination register
R/W
0x0000_0001
10.3.6.2/10-33
0x5_0120 EIVPR9—External interrupt 9 (IRQ9) vector/priority register
R/W
0x8000_0000
10.3.6.1/10-32
0x5_0130 EIDR9—External interrupt 9 (IRQ9) destination register
R/W
0x0000_0001
10.3.6.2/10-33
0x5_0140 EIVPR10—External interrupt 10 (IRQ10) vector/priority
register
R/W
0x8000_0000
10.3.6.1/10-32
Table 10-7. PIC Register Address Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com