Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 419 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 419 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 415Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 416Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 417Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 418Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 419Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 420Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 421Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 422Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 423Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-15
0x5_05B0 IIDR29—Internal interrupt 29 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_05C0 IIVPR30—Internal interrupt 30 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_05D0 IIDR30—Internal interrupt 30 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_05E0 IIVPR31—Internal interrupt 31 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_05F0 IIDR31—Internal interrupt 31 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_0600–
0x5_15F0
Reserved
—
—
—
0x5_1600 MIVPR0—Messaging interrupt 0 (MSG 0) vector/priority
register
R/W
0x8000_0000
10.3.6.5/10-36
0x5_1610 MIDR0—Messaging interrupt 0 (MSG 0) destination register
R/W
0x0000_0001
10.3.6.6/10-37
0x5_1620 MIVPR1—Messaging interrupt 1 (MSG 1) vector/priority
register
R/W
0x8000_0000
10.3.6.5/10-36
0x5_1630 MIDR1—Messaging interrupt 1 (MSG 1) destination register
R/W
0x0000_0001
10.3.6.6/10-37
0x5_1640 MIVPR2—Messaging interrupt 2 (MSG 2) vector/priority
register
R/W
0x8000_0000
10.3.6.5/10-36
0x5_1650 MIDR2—Messaging interrupt 2 (MSG 2) destination register
R/W
0x0000_0001
10.3.6.6/10-37
0x5_1660 MIVPR3—Messaging interrupt 3 (MSG 3) vector/priority
register
R/W
0x8000_0000
10.3.6.5/10-36
0x5_1670 MIDR3—Messaging interrupt 3 (MSG 3) destination register
R/W
0x0000_0001
10.3.6.6/10-37
0x5_1680–
0x5_FFF0
Reserved
—
—
—
PIC Register Address Map—Per-CPU Registers
0x6_0000–
0x6_0030
Reserved
—
—
—
0x6_0040 IPIDR0—P0 IPI 0 dispatch register
W
All zeros
10.3.7.1/10-39
0x6_0050 IPIDR1—P0 IPI 1 dispatch register
0x6_0060 IPIDR2—P0 IPI 2 dispatch register
0x6_0070 IPIDR3—P0 IPI 3 dispatch register
0x6_0080 CTPR0—P0 current task priority register
R/W
0x0000_000F
10.3.7.2/10-40
0x6_0090 WHOAMI0—P0 who am I register
R
All zeros
10.3.7.3/10-41
0x6_00A0 IACK0—P0 interrupt acknowledge register
R
All zeros
10.3.7.4/10-41
0x6_00B0 EOI0—P0 end of interrupt register
W
All zeros
10.3.7.5/10-42
1 Note that these registers provider private access space to the same set of registers at offset 0x6_xxxx. This private
access is described in Section 10.3.7, “Per-CPU Registers.”
Table 10-7. PIC Register Address Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com