Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 415 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 415 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 411Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 412Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 413Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 415Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 416Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 417Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 418Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 419Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-11
0x4_1120 GTVPR0—Global timer 0 vector/priority register
R/W
0x8000_0000
10.3.2.4/10-22
0x4_1130 GTDR0—Global timer 0 destination register
R/W
0x0000_0001
10.3.2.5/10-23
0x4_1140 GTCCR1—Global timer 1 current count register
R
0x0000_0000
10.3.2.2/10-21
0x4_1150 GTBCR1—Global timer 1 base count register
R/W
0x8000_0000
10.3.2.3/10-21
0x4_1160 GTVPR1—Global timer 1 vector/priority register
R/W
0x8000_0000
10.3.2.4/10-22
0x4_1170 GTDR1—Global timer 1 destination register
R/W
0x0000_0001
10.3.2.5/10-23
0x4_1180 GTCCR2—Global timer 2 current count register
R
0x0000_0000
10.3.2.2/10-21
0x4_1190 GTBCR2—Global timer 2 base count register
R/W
0x8000_0000
10.3.2.3/10-21
0x4_11A0 GTVPR2—Global timer 2 vector/priority register
R/W
0x8000_0000
10.3.2.4/10-22
0x4_11B0 GTDR2—Global timer 2 destination register
R/W
0x0000_0001
10.3.2.5/10-23
0x4_11C0 GTCCR3—Global timer 3 current count register
R
0x0000_0000
10.3.2.2/10-21
0x4_11D0 GTBCR3—Global timer 3 base count register
R/W
0x8000_0000
10.3.2.3/10-21
0x4_11E0 GTVPR3—Global timer 3 vector/priority register
R/W
0x8000_0000
10.3.2.4/10-22
0x4_11F0 GTDR3—Global timer 3 destination register
R/W
0x0000_0001
10.3.2.5/10-23
0x4_1200–
0x4_12F0
Reserved
—
—
—
0x4_1300 TCR—Timer control register
R/W
0x0000_0000
10.3.2.6/10-24
0x4_1310 IRQSR0—IRQ_OUT summary register 0
R
0x0000_0000
10.3.3.1/10-26
0x4_1320 IRQSR1—IRQ_OUT summary register 1
R
0x0000_0000
10.3.3.2/10-27
0x4_1330 CISR0—Critical Interrupt summary register 0
R
0x0000_0000
10.3.3.3/10-27
0x4_1340 CISR1—Critical Interrupt summary register 1
R
0x0000_0000
10.3.3.4/10-28
0x4_1350 PM0MR0—Performance monitor 0 mask register 0
R/W
0x00FF_FFFF
10.3.4.1/10-29
0x4_1360 PM0MR1—Performance monitor 0 mask register 1
R/W
0xFFFF_FFFF
10.3.4.2/10-30
0x4_1370 PM1MR0—Performance monitor 1 mask register 0
R/W
0x00FF_FFFF
10.3.4.1/10-29
0x4_1380 PM1MR1—Performance monitor 1 mask register 1
R/W
0xFFFF_FFFF
10.3.4.2/10-30
0x4_1390 PM2MR0—Performance monitor 2 mask register 0
R/W
0x00FF_FFFF
10.3.4.1/10-29
0x4_13A0 PM2MR1—Performance monitor 2 mask register 1
R/W
0xFFFF_FFFF
10.3.4.2/10-30
0x4_13B0 PM3MR0—Performance monitor 3 mask register 0
R/W
0x00FF_FFFF
10.3.4.1/10-29
0x4_13C0 PM3MR1—Performance monitor 3 mask register 1
R/W
0xFFFF_FFFF
10.3.4.2/10-30
0x4_13D0–
0x4_13F0
Reserved
—
—
—
Table 10-7. PIC Register Address Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com