Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 417 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 417 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 413Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 415Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 416Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 417Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 418Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 419Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 420Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 421Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-13
0x5_0150 EIDR10—External interrupt 10 (IRQ10) destination register
R/W
0x0000_0001
10.3.6.2/10-33
0x5_0160 EIVPR11—External interrupt 11 (IRQ11) vector/priority
register
R/W
0x8000_0000
10.3.6.1/10-32
0x5_0170 EIDR11—External interrupt 11 (IRQ11) destination register
R/W
0x0000_0001
10.3.6.2/10-33
0x5_0180–
0x5_01F0
Reserved
—
—
—
0x5_0200 IIVPR0—Internal interrupt 0 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_0210 IIDR0—Internal interrupt 0 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_0220 IIVPR1—Internal interrupt 1 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_0230 IIDR1—Internal interrupt 1 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_0240 IIVPR2—Internal interrupt 2 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_0250 IIDR2—Internal interrupt 2 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_0260 IIVPR3—Internal interrupt 3 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_0270 IIDR3—Internal interrupt 3 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_0280 IIVPR4—Internal interrupt 4 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_0290 IIDR4—Internal interrupt 4 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_02A0 IIVPR5—Internal interrupt 5 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_02B0 IIDR5—Internal interrupt 5 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_02C0 IIVPR6—Internal interrupt 6 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_02D0 IIDR6—Internal interrupt 6 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_02E0 IIVPR7—Internal interrupt 7 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_02F0 IIDR7—Internal interrupt 7 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_0300 IIVPR8—Internal interrupt 8 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_0310 IIDR8—Internal interrupt 8 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_0320 IIVPR9—Internal interrupt 9 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_0330 IIDR9—Internal interrupt 9 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_0340 IIVPR10—Internal interrupt 10 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_0350 IIDR10—Internal interrupt 10 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_0360 IIVPR11—Internal interrupt 11 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_0370 IIDR11—Internal interrupt 11 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_0380 IIVPR12—Internal interrupt 12 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
0x5_0390 IIDR12—Internal interrupt 12 destination register
R/W
0x0000_0001
10.3.6.4/10-35
0x5_03A0 IIVPR13—Internal interrupt 13 vector/priority register
R/W
0x8080_0000
10.3.6.3/10-34
Table 10-7. PIC Register Address Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com