Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 421 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 421 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 417Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 418Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 419Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 420Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 421Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 422Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 423Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 425Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-17
10.3.1.2 Global Configuration Register (GCR)
The global configuration register (GCR) shown in Figure 10-4 controls the PIC’s operating mode,
and allows software to reset the PIC.
Figure 10-4. Global Configuration Register (GCR)
Table 10-9 describes the GCR fields.
10.3.1.3 Vendor Identification Register (VIR)
The vendor identification register (VIR) shown in Figure 10-5 has specific read-only information
about the vendor and the device revision.
Figure 10-5. Vendor Identification Register (VIR)
01
2
3
31
R
RST
0
M
0000
0000
00000
00000
00000
00000
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_1020
Table 10-9. GCR Field Descriptions
Bits
Name
Description
0
RST
Reset. Setting this field forces the PIC to be reset. Cleared automatically when the reset sequence
is complete. SeeSection 10.4.7, “Reset of the PIC,” for more information on resetting the PIC.
1
—
Reserved
2M
Mode. PIC operating mode.
0 Pass-through mode. On-chip PIC is disabled and interrupts detected on IRQ0 are passed directly
to the processor core. See Section 10.1.4, “Modes of Operation,” for more details.
1 Mixed mode. Interrupts are handled by the normal priority and delivery mechanisms of the PIC.
See Section 10.1.4, “Modes of Operation,” for more details.
3–31
—
Reserved
0
7
8
15 1623 2431
R 0
0000000
STEP
DEVICE ID
VENDOR ID
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_1080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com