Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 425 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 425 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 421Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 422Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 423Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 427Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 428Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 429Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-21
Table 10-14 describes the TFRR register.
10.3.2.2 Global Timer Current Count Registers (GTCCRn)
The global timer current count registers (GTCCRs), shown in Figure 10-10, contain the current
count for each of the four PIC timers.
Figure 10-10. Global Timer Current Count Registers (GTCCRn)
Table 10-15 describes the GTCCRn fields.
10.3.2.3 Global Timer Base Count Registers (GTBCRn)
The global timer base count registers (GTBCRn) contain the base counts for each of the four PIC
timers as shown in Figure 10-11. This value is reloaded into the corresponding GTCCRn when the
current count reaches zero. Note that when zero is written to the base count field, (and
GTCCRn[CI] = 0), the timer generates an interrupt on every timer cycle.
Table 10-14. TFRR Field Descriptions
Bits
Name
Description
0–31
FREQ Timer frequency (in ticks/second (Hz)). Used to communicate the frequency of the global timers’ clock
source (the core complex bus (CCB) clock) to user software. See Section 4.4.4, “Clocking,” for more
details. TFRR is set only by software for later use by other applications and its value in no way affects
the operating frequency of the global timers. The timers operate at a ratio of this clock frequency set by
TCR[CLKR]. See Section 10.3.2.6, “Timer Control Register (TCR).”
01
31
R TOG
COUNT
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_1100, 0x4_1140, 0x4_1180, 0x4_11C0
Table 10-15. GTCCRn Field Descriptions
Bits
Name
Description
0
TOG
Toggle. Toggles when the current count decrements to zero. Cleared when GTBCRn[CI] goes from 1 to 0.
1–31
COUN
T
Current count. Decremented while GTBCRn[CI] is zero. When the timer count reaches zero, an interrupt
is generated (provided it is not masked), the toggle bit is inverted, and the count is reloaded. For
non-cascaded timers, the reload value is the contents of the corresponding base count register. Cascaded
timers are reloaded with either all ones, or the contents of the base count register, depending on the value
of TCR[ROVR]. See Section 10.3.2.6, “Timer Control Register (TCR),” for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com