Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 429 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 429 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 427Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 428Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 429Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 430Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 431Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 432Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 433Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-25
Table 10-20 describes the TCR fields.
Table 10-20. TCR Field Descriptions
Bits
Name
Description
0–4
—
Reserved
5–7
ROVR Roll-over control for cascaded timers only. Specifies behavior when count reaches zero by identifying
the source of the reload value. Cascaded timers are always reloaded with their base count value when
the more significant timer in the cascade (the upstream timer) is zero. Bits 5–7 correspond to timers
2–0. Note that global timer 3 always reloads with its base count register.
0 Timer does not roll over. When the count reaches zero, current count register is reloaded with the
base count register value.
1 Timer rolls over at zero to all ones. (When the count reaches zero, current count register is reloaded
with 0xFFFF_FFFF.)
000 All timers reload with base count.
001 Timers 1 and 2 reload with base count, timer 0 rolls over (reloads with 0xFFFF_FFFF).
010 Timers 0 and 2 reload with base count, timer 1 rolls over (reloads with 0xFFFF_FFFF).
011 Timer 2 reloads with base count, timers 0 and 1 roll over (reload with 0xFFFF_FFFF).
100 Timers 0 and 1 reload with base count, timer 2 rolls over (reloads with 0xFFFF_FFFF).
101 Timer 1 reloads with base count, timers 0 and 2 roll over (reload with 0xFFFF_FFFF).
110 Timer 0 reloads with base count, timers 1 and 2 roll over (reload with 0xFFFF_FFFF).
111 Timers 0, 1, and 2 roll over (reload with 0xFFFF_FFFF).
8–14
—
Reserved
15
RTM
Real time mode. Specifies the clock source for the PIC timers.
0 Timer clock frequency is a ratio of the frequency of the platform (CCB) clock as determined by the
CLKR field. This is the default value.
1 The RTC signal is used to clock the PIC timers. If this bit is set, the CLKR field has no meaning.
16–21
—
Reserved
22–23
CLKR
Clock ratio. Specifies the ratio of the timer frequency to the platform (CCB) clock. The following clock
ratios are supported:
00 Default. Divide by 8
01 Divide by 16
10 Divide by 32
11 Divide by 64
24–28
—
Reserved
29–31
CASC Cascade timers. Specifies the output of particular global timers as input to others.
000 Default. Timers not cascaded
001 Cascade timers 0 and 1
010 Cascade timers 1 and 2
011 Cascade timers 0, 1, and 2
100 Cascade timers 2 and 3
101 Cascade timers 0 and 1; timers 2 and 3
110 Cascade timers 1, 2, and 3
111 Cascade timers 0, 1, 2, and 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com