Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 430 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 430 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 427Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 428Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 429Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 430Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 431Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 432Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 433Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 434Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-26
Freescale Semiconductor
Programmable Interrupt Controller
10.3.3 IRQ_OUT and Critical Interrupt Summary Registers
The summary registers indicate the interrupt sources directed to IRQ_OUT or cint. Summary
register bits are cleared when the corresponding interrupt that caused a bit to be setþ is negated.
Note that only level-sensitive interrupts can be directed to IRQ_OUT or cint.
10.3.3.1 IRQ_OUT Summary Register 0 (IRQSR0)
The IRQ_OUT summary registers contain one bit for each interrupt source. The corresponding bit
is set if the interrupt is active and is directed to IRQ_OUT (that is, if the corresponding xIDR[EP]
is set). Figure 10-16 shows IRQSR0.
Figure 10-16. IRQ_OUT Summary Register 0 (IRQSR0)
Table 10-21 describes the IRQSR0 fields.
0
15
16171819
20
31
R 0
0
0
0 000 000 00 0000 MSG0 MSG1 MSG2 MSG3
EXTn
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_1310
Table 10-21. IRQSR0 Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16
MSG0 Message interrupt 0 status
0 Interrupt is not active or not directed to IRQ_OUT.
1 Interrupt is active and is directed to the IRQ_OUT pin (that is, if the corresponding xIDR[EP] is set.
17
MSG1 Message interrupt 1 status
0 Interrupt is not active or not directed to IRQ_OUT.
1 Interrupt is active and is directed to the IRQ_OUT pin (that is, if the corresponding xIDR[EP] is set.
18
MSG2 Message interrupt 2 status
0 Interrupt is not active or not directed to IRQ_OUT.
1 Interrupt is active and is directed to IRQ_OUT (that is, if the EP corresponding xIDR[EP] is set.
19
MSG3 Message interrupt 3 status
0 Interrupt is not active or not directed to IRQ_OUT.
1 Interrupt is active and is directed to IRQ_OUT (that is, if corresponding xIDR[EP] is set.
20–31
EXTn External interrupts 0–11. Each bit corresponds to a different interrupt according to the following:
Bit Interrupt
20IRQ0
21IRQ1
· ·
· ·
31IRQ11
0 The corresponding interrupt is not active or not directed to IRQ_OUT.
1 The corresponding interrupt is active and directed to IRQ_OUT (if the corresponding xIDR[EP] is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com