Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 434 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 434 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 430Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 431Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 432Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 433Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 434Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 435Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 438Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-30
Freescale Semiconductor
Programmable Interrupt Controller
10.3.4.2 Performance Monitor Mask Registers (Upper) (PMnMR1)
Figure 10-21 shows the PM0MR1–PM3MR1 fields.
Figure 10-21. Performance Monitor Mask Registers (PMnMR1)
Table 10-26 describes the PMnMR1 registers.
10.3.5 Message Registers
Writing to one of the four message registers (MSGR0–MSGR3) causes a messaging interrupt to
the processor. Reading this register clears the messaging interrupt. Note that a messaging interrupt
can also be cleared by writing a one to the corresponding status field of the PIC message status
register (MSR), shown in Figure 10-24.
10.3.5.1 Message Registers (MSGR0–MSGR3)
The message registers (MSGR0–MSGR3) are shown in Table 10-22.
Figure 10-22. Message Registers (MSGRs)
Table 10-27 describes the MSGR registers.
0
31
R
INT
W
Reset
1111_1111_1111_1111_1111_1111_1111_1111
Offset
PM0MR1 0x4_1360, PM1MR1 0x4_1380, PM2MR1 0x4_13A0, PM3MR1 0x4_13C0
Table 10-26. PMnMR1 Field Descriptions
Bits
Nam
e
Description
0–31
INT
Internal interrupts 0–31
0 The corresponding interrupt source generates a performance monitor event when the interrupt occurs.
1 The corresponding interrupt does not generate a performance monitor event.
0
31
R
MSG
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
MSGR0 0x4_1400, MSGR1 0x4_1410, MSGR2 0x4_1420, MSGR3 0x4_1430
Table 10-27. MSGRn Field Descriptions
Bits
Name
Description
0–31
MSG
Message. Contains the 32-bit message data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com