Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 437 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 437 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 433Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 434Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 435Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 441Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-33
Table 10-30 describes the EIVPR fields.
10.3.6.2 External Interrupt Destination Registers (EIDR0–EIDR11)
The external interrupt destination registers (EIDRn), shown in Figure 10-26, control the
destination of external interrupts caused by the assertion of any of IRQ[0:11]. All external
interrupts are directed to the processor 0 interrupt, int, by default. External interrupts can be
selectively directed to IRQ_OUT or to the processor 0 critical interrupt signal, cint, instead of int
by writing to the appropriate EIDRn fields.
NOTE
The behavior of the PIC unit is not defined if both the EP and CI bits
of the same interrupt destination register are set.
Figure 10-26. External Interrupt Destination Registers (EIDRn)
Table 10-30. EIVPRn Field Descriptions
Bits
Name
Description
0
MSK
Mask. Masks interrupts from this source.
0 If the corresponding IPR bit is set an interrupt request is generated.
1 Interrupts from this source are disabled.
1
A
Activity. A read-only field indicating that an interrupt has been requested or is in-service. Note: The
P (polarity), S (sense), VECTOR and PRIORITY values should not be changed while the
corresponding interrupt is active, that is, while EIVPRn [A] is set.
0 No current interrupt activity associated with this source.
1 The interrupt bit for this source is set in the IPR or ISR.
2–7
—
Reserved.
8
P
Polarity. Specifies the polarity for the external interrupt.
0 Polarity is active-low or negative edge triggered.
1 Polarity is active-high or positive edge-triggered.
9
S
Sense. Specifies the sense for external interrupts.
0 The external interrupt is edge sensitive.
1 The external interrupt is level-sensitive.
10–11
—
Reserved.
12–15
PRIORIT
Y
Priority. Specifies the interrupt priority. The lowest priority is 0 and the highest priority is 15. A
priority level of 0 disables interrupts from this source.
16–31
VECTOR Vector. Contains the value returned when the interrupt acknowledge (IACK) register is read and
this interrupt resides in the interrupt request register (IRR) shown in Figure 10-37.
01
2
30
31
R
EP CI
0
0
0
000
00
000
000
00
000
00
000
00
000 P0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0001
Offset EIDR0 0x5_0010, EIDR1 0x5_0030, EIDR2 0x5_0050, EIDR3 0x5_0070, EIDR4 0x5_0090, EIDR5 0x5_00B0,
EIDR6 0x5_00D0, EIDR7 0x5_00F0, EIDR8 0x5_0110, EIDR9 0x5_0130, EIDR10 0x5_0150, EIDR11 0x5_0170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com