Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 441 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 441 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 441Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 442Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 443Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 444Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 445Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-37
10.3.6.6 Messaging Interrupt Destination Registers (MIDR0–MIDR3)
The messaging interrupt destination registers (MIDRn), shown in Figure 10-30, control the
destination for the messaging interrupts. MIDR enables the user to direct the interrupt to either the
external interrupt output pin (IRQ_OUT), the core’s critical interrupt input (cint), or to its normal
interrupt input (int).
NOTE
The behavior of the PIC unit is not defined if both the EP and CI bits
of the same interrupt destination register are set.
Figure 10-30. Messaging Interrupt Destination Registers (MIDRn)
Table 10-35 describes the MIDRn fields.
12–15 PRIORITY Priority. Specifies the interrupt priority. The lowest priority is 0 and the highest priority is 15. A
priority level of 0 disables interrupts from this source.
16–31
VECTOR
Vector. The vector value in this field is returned when the interrupt acknowledge (IACK) register is
read and this interrupt resides in the interrupt request register (IRR) shown in Figure 10-37.
01
2
30
31
R
EP CI
000
000
000
000
000
00
000
000
000
000 P0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0001
Offset
0x5_1610, 0x5_1630, 0x5_1650, 0x5_1670
Table 10-35. MIDRn Field Descriptions
Bits
Name
Description
0
EP
External pin. Allows message interrupt to be serviced externally.
0 Message interrupt is serviced internally with int signal to the processor core.
1 Message interrupt is directed to IRQ_OUT for external service. The behavior of the PIC is not defined
if both EP and CI are set on the same interrupt destination register.
1
CI
Critical interrupt
0 Message interrupt is serviced internally with int signal to the processor core.
1 Message interrupt is directed to the processor 0 as a critical interrupt with the cint signal. The
behavior of the PIC is not defined if both EP and CI are set on the same interrupt destination register.
2–30
—
Reserved
31
P0
Processor 0. Indicates that processor 0 handles any interrupt. This bit is meaningful only in a multi-core
device. Because the MPC8540 is a single-core device, all interrupts that are serviced internally are
always directed to processor 0. Permanently set and read only.
1 Interrupt directed to processor 0.
Table 10-34. MIVPRn Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com