Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 445 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 445 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 441Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 442Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 443Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 444Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 445Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 446Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 447Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 448Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 449Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-41
10.3.7.3 Who Am I Register (WHOAMI)
The processor who am I register (WHOAMI), shown in Figure 10-34, can be read by the processor
to determine its physical connection to the PIC. The value returned when reading this register may
be used to determine the value for the destination masks used for dispatching interrupts.
Figure 10-34. Processor Who Am I Register (WHOAMI)
Table 10-39 describes the WHOAMI fields.
10.3.7.4 Processor Interrupt Acknowledge Register (IACK)
In systems based on processors that implement the PowerPC architecture, the interrupt
acknowledge function occurs as an explicit read operation to a memory-mapped interrupt
acknowledge register (IACK), shown in Figure 10-35. Reading the interrupt acknowledge register
returns the interrupt vector corresponding to the highest priority pending interrupt. Reading IACK
also has the following side effects:
•
The associated field in the interrupt pending register (IPR) is cleared for edge-sensitive
interrupts to indicated that the interrupt is no longer pending.
•
The corresponding field in the in-service register (ISR) is set to indicated that the interrupt
has been signaled to the core.
•
The interrupt signal (int) to the processor is negated.
Reading this register when there is no pending interrupt returns the spurious vector value as
described in Section 10.3.1.6, “Spurious Vector Register (SVR).”
0
26
27
31
R 0
0000 00000
0
0
000
0
0
0
0
0
0
0
0
0
0
0
0
ID
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x6_0090 (see Section 10.3.7, “Per-CPU Registers.”)
Table 10-39. WHOAMI Field Descriptions
Bits
Name
Description
0–26
—
Reserved
27–3
1
ID
ID. Returns the ID of the processor reading this register. Always returns zero.
00000Processor core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com