Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 442 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 442 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 441Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 442Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 443Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 444Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 445Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 446Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-38
Freescale Semiconductor
Programmable Interrupt Controller
10.3.7 Per-CPU Registers
The OpenPIC programming model supports multiprocessor systems of up to 32 separate
processors. As such, the OpenPIC interface specification provides for coordinating both the
requesting and servicing of interrupts among several processor cores within a single integrated
device. To fully comply with the OpenPIC specification, the PIC incorporates several of these
multiprocessor capabilities. Because the value of features such as private address space for
per-CPU registers and interprocessor interrupts is fully realized only in a multi-core environment,
their utility in this single-core device is not intuitive.
The registers in Table 10-36 are called per-CPU registers, because they would be duplicated for
each core in a multi-core device. The OpenPIC interface specifies that a copy of these registers be
available to each core at the same physical address by using the ID of the processor that initiates
the transaction to determine the set of per-CPU registers to access.
These addresses, shown in Table 10-36, appear in the memory map at the same offset for every
processor, and are called the private access space. Because the MPC8540 has only one core, there
is only one set of per-CPU registers, each register having two addresses. For example, the CTPR
is located normally at 0x6_0080 and at the private access address of 0x4_0080. While this double
mapping seems superfluous on a single-core device, the purpose of this feature is to enable user
code to execute correctly in an multiprocessor environment without needing to know which CPU
it is running on. It is included on this device to simplify the porting of such code.
An example of how the different registers are addressed in a four-core device is illustrated in
Figure 10-31. Note that when accessing a register normally, each core sources a different address.
However, when accessing the same register using the per-CPU address space, each core sources
the same address.
Table 10-36. Per-CPU Registers—Private Access Address Offsets
Register Name
Offset
IPI 0 dispatch register (IPIDR0)
0x4_0040
IPI 1 dispatch register (IPIDR1)
0x4_0050
IPI 2 dispatch register (IPIDR2)
0x4_0060
IPI 3 dispatch register (IPIDR3)
0x4_0070
Current task priority register (CTPR)
0x4_0080
Who am I register (WHOAMI)
0x4_0090
Interrupt acknowledge register (IACK)
0x4_00A0
End of interrupt register (EOI)
0x4_00B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com