Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 439 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 439 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 435Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 441Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 442Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 443Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-35
Table 10-32 describes the IIVPRn fields.
10.3.6.4 Internal Interrupt Destination Registers (IIDR0–IIDR31)
Internal interrupt destination registers (IIDRn), shown in Figure 10-28, have the same fields and
format as EIVDRn, except that they apply to the internal interrupt sources listed in Table 10-4.
Like external interrupts, internal interrupts can be directed only to processor 0.
NOTE
The behavior of the PIC unit is not defined if both the EP and CI bits
of the same interrupt destination register are set.
Figure 10-28. Internal Interrupt Destination Registers (IIDRn)
Table 10-32. IIVPRn Field Descriptions
Bits
Name
Description
0
MSK
Mask. Mask interrupts from this source.
0 An interrupt request is generated when the corresponding IPR field is set.
1 Further interrupts from this source are disabled.
1
A
Activity. Indicates an interrupt has been requested or is in-service. Note this field is read only. The
VECTOR and PRIORITY values should not be changed while IIVPRn [A] is set.
0 No current interrupt activity associated with this source.
1 The interrupt field for this source is set in the IPR or ISR.
2–7
—
Reserved
8
P
Polarity. Specifies the polarity for the internal interrupt. Note: Because all internal interrupts are
active-high, clearing this bit disables the interrupt.
0 Interrupt polarity is active-low. This value disables the interrupt.
1 Interrupt polarity is active-high. This is the reset value should not be changed.
9–11
—
Reserved.
12–15
PRIORIT
Y
Priority. Specifies the interrupt priority. The lowest priority is 0 and the highest priority is 15. A
priority level of 0 disables interrupts from this source.
16–31
VECTOR Vector. The vector value in this field is returned when the interrupt acknowledge (IACK) register is
read and this interrupt resides in the interrupt request register (IRR) shown in Figure 10-37.
01
2
30
31
R
EP CI
00 000 000 000 000 000 000 000 000 00
0
P0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0001
Offset
IIDR0–7: 0x5_0210, 0x5_0230, 0x5_0250, 0x5_0270, 0x5_0290, 0x5_02B0, 0x5_02D0, 0x5_02F0
IIDR8–15: 0x5_0310, 0x5_0330, 0x5_0350, 0x5_0370, 0x5_0390, 0x5_03B0, 0x5_03D0, 0x5_03F0
IIDR16–23: 0x5_0410, 0x5_0430, 0x5_0450, 0x5_0470, 0x5_0490, 0x5_04B0, 0x5_04D0, 0x5_04F0
IIDR24–31: 0x5_0510, 0x5_0530, 0x5_0550, 0x5_0570, 0x5_0590, 0x5_05B0, 0x5_05D0, 0x5_05F0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com