Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 435 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 435 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 431Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 432Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 433Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 434Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 435Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 439Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-31
10.3.5.2 Message Enable Register (MER)
The message enable register (MER) shown in Figure 10-23 contains the enable bits for each
message register. The enable bit must be set to enable interrupt generation when the corresponding
message register is written.
Figure 10-23. Message Enable Register (MER)
Table 10-28 describes the MER fields.
10.3.5.3 Message Status Register (MSR)
The PIC message status register (MSR) shown in Figure 10-24 contains status bits for each
message register. The status bit is set when the corresponding messaging interrupt is active.
Reading the corresponding message register or writing a 1 to a status bit clears the corresponding
message interrupt and the status bit.
Figure 10-24. Message Status Register (MSR)
0
27 28
29
30
31
R 0000
000000000
00000000
0000000
E3 E2 E1 E0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_1500
Table 10-28. MER Field Descriptions
Bits
Name
Description
0–27
—
Reserved
28
E3
Enable 3. Used to enable interrupt generation for MSGR3.
0 Interrupt generation for MSGR3 disabled.
1 Interrupt generation for MSGR3 enabled.
29
E2
Enable 2. Used to enable interrupt generation for MSGR2.
0 Interrupt generation for MSGR2 disabled.
1 Interrupt generation for MSGR2 enabled.
30
E1
Enable 1. Used to enable interrupt generation for MSGR1.
0 Interrupt generation for MSGR1 disabled.
1 Interrupt generation for MSGR1 enabled.
31
E0
Enable 0. Used to enable interrupt generation for MSGR0.
0 Interrupt generation for MSGR0 disabled.
1 Interrupt generation for MSGR0 enabled.
0
27 28
29
30
31
R 0000
000000000
00000000
0000000
S3 S2 S1 S0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_1510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com