Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 431 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 431 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 427Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 428Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 429Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 430Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 431Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 432Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 433Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 434Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 435Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-27
10.3.3.2 IRQ_OUT Summary Register 1 (IRQSR1)
Figure 10-17 shows IRQSR1.
Figure 10-17. IRQ_OUT Summary Register 1 (IRQSR1)
Table 10-22 describes the IRQSR1 fields.
10.3.3.3 Critical Interrupt Summary Register 0 (CISR0)
The critical interrupt summary registers contain one bit for each interrupt source. The
corresponding bit is set if the interrupt is active and is directed to the processor’s critical interrupt
signal cint (if the CI field in its corresponding destination register is set). Figure 10-18 shows
CISR0.
Figure 10-18. Critical Interrupt Summary Register 0 (CISR0)
0
31
RINTn
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_1320
Table 10-22. IRQSR1 Field Descriptions
Bits
Name
Description
0–31
INTn
Internal interrupts 0–31 status. Bit 0 represents INT0. Bit 31 represents INT31.
0 The corresponding interrupt is not active or not directed to IRQ_OUT.
1 The corresponding interrupt is active and is directed to IRQ_OUT (that is, if the corresponding
xIDR[EP] is set).
015 16
19 20
31
R 0000
000000
000000
MSGn
EXTn
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_1330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com