Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 427 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 427 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 423Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 427Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 428Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 429Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 430Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 431Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-23
Table 10-17 describes the GTVPRn fields.
10.3.2.5 Global Timer Destination Registers (GTDRn)
The global timer destination register controls the destination processor for this timer’s interrupt,
as shown in Figure 10-13.
Figure 10-13. Global Timer Destination Registers (GTDRn)
Table 10-18 describes the GTDRn fields.
Table 10-17. GTVPRn Field Descriptions
Bits
Name
Description
0
MSK
Mask. Inhibits interrupts from this source.
0 Interrupt requests are generated when the corresponding IPR bit is set.
1 Further interrupts from this source are disabled.
1
A
Activity. This field is read-only.
0 No current interrupt activity associated with this source.
1 An interrupt has been requested by the corresponding source or is currently being serviced. The
interrupt bit for this source is set in the IPR or ISR.
The VECTOR and PRIORITY values should not be changed while the A bit is set.
2–11
—
Reserved
12–15
PRIORIT
Y
Priority. Specifies the interrupt priority. The lowest priority is 0 and the highest priority is 15. A
priority level of 0 disables interrupts from this source.
16–31
VECTOR Vector. The vector value in this field is returned when the interrupt acknowledge (IACK) register is
read and this interrupt resides in the interrupt request register shown in Figure 10-37.
0
30 31
R 0 0
0 0
000
00
00
00
00
00
00
000
00
00
00
00
0 P0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0001
Offset
0x4_1130, 0x4_1170, 0x4_11B0, 0x4_11F0
Table 10-18. GTDRn Field Descriptions
Bits
Name
Description
0–30
—
Reserved
31
P0
Processor 0. Indicates that processor 0 handles any interrupt. This bit is meaningful only in a multi-core
device. Because the MPC8540 is a single-core device, internally serviced interrupts are always directed
to processor 0. Permanently set and read only.
1 Interrupt directed to processor 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com