Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 424 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 424 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 420Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 421Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 422Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 423Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 427Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 428Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-20
Freescale Semiconductor
Programmable Interrupt Controller
Figure 10-8. Spurious Vector Register (SVR)
Table 10-13 describes the SVR fields.
10.3.2 Global Timer Registers
This section describes the global timer registers. Note that each of the four timers have four
individual configuration registers (GTCCRn, GTBCRn, GTVPRn, GTDRn), but they are only
shown once in this section.
10.3.2.1 Timer Frequency Reporting Register (TFRR)
The timer frequency reporting register (TFRR), shown in Figure 10-9, is written by software to
report the clocking frequency of the PIC timers. Note that although TFRR is read/write, the value
of this register is ignored by the PIC unit.
Figure 10-9. Timer Frequency Reporting Register (TFRR)
015 16
31
R 0
0
00000000
000000
VECTOR
W
Reset
0000_0000_0000_0000_1111_1111_1111_1111
Offset
0x4_10E0
Table 10-13. SVR Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–3
1
VECTO
R
Spurious interrupt vector. Value returned when IACK is read during a spurious vector fetch.
0
31
R
FREQ
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_10F0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com