Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 422 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 422 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 418Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 419Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 420Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 421Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 422Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 423Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 426Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-18
Freescale Semiconductor
Programmable Interrupt Controller
Table 10-10 describes the VIR fields.
10.3.1.4 Processor Initialization Register (PIR)
The processor initialization register in the PIC provides a mechanism for software to reset the
processor. The core_reset signal to the processor is held active until a zero is written to the
processor initialization register field. Thus, PIR should only be written by an external host and the
external host should wait at least 100 µsec to clear this field after writing it. The processor should
not attempt to write to PIR because writing to it resets the core, and the core will not be able to
clear the reset field, and so it would remain in reset indefinitely.
Note that although the architecture was designed to support multiple processing cores, only fields
corresponding to processors on the device are implemented, as shown in Figure 10-6. In a
uniprocessor system, only PIR[P0] is implemented.
Figure 10-6. Processor Initialization Register (PIR)
Table 10-11 describes the PIR fields.
Table 10-10. VIR Field Descriptions
Bits
Name
Description
0–7
—
Reserved
8–15
STEP
Stepping. Indicates the silicon revision for this device. Has no meaning when the VENDOR ID
value is zero.
16–23
DEVICE ID Device identification. Vendor-specified identifier for this device. Has no meaning when the
VENDOR ID value is zero.
24–31
VENDOR
ID
Vendor identification. Specifies the manufacturer of this part. A value of zero implies a generic
PIC-compliant device.
0
30
31
R 0000
000
000
000
0000
000
000
000
000
00
P0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_1090
Table 10-11. PIR Field Descriptions
Bits
Name
Description
0–30
—
Reserved
31
P0
Processor 0 core reset. Setting this bit causes the PIC unit to assert the core_reset signal to
processor 0 (the e500 core).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com