Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 426 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 426 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 422Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 423Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 427Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 428Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 429Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 430Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-22
Freescale Semiconductor
Programmable Interrupt Controller
Figure 10-11. Global Timer Base Count Registers (GTBCRn)
Table 10-16 describes the GTBCRn fields.
10.3.2.4 Global Timer Vector/Priority Registers (GTVPRn)
The global timer vector/priority registers (GTVPRn) contain the interrupt vector and the interrupt
priority as shown in Figure 10-12. They also contain the mask and activity fields.
Figure 10-12. Global Timer Vector/Priority Registers (GTVPRn)
01
31
R
CI
BASE CNT
W
Reset
1000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_1110, 0x4_1150, 0x4_1190, 0x4_11D0
Table 10-16. GTBCRn Field Descriptions
Bits
Name
Description
0
CI
Count inhibit. Always set following reset
0 Counting enabled
1 Counting inhibited
1–31
BASE
CNT
Base count. When CI transitions from 1 to 0, this value is copied into the corresponding current
count register and the toggle bit is cleared. If CI is already cleared (counting is in progress), the base
count is copied to the current count register at the next zero crossing of the current count.
0
1
2
1112
1516
31
R
MSK
A 0000
000000
PRIORITY
VECTOR
W
Reset
1000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_1120, 0x4_1160, 0x4_11A0, 0x4_11E0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com