Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 423 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 423 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 419Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 420Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 421Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 422Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 423Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 427Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-19
10.3.1.5 IPI Vector/Priority Registers (IPIVPRn)
The interprocessor interrupt (IPI) vector/priority registers contain the interrupt vector and priority
fields for the four interprocessor interrupt channels as shown in Figure 10-7. There is one IPI
vector/priority register per channel. The VECTOR and PRIORITY values should not be changed
while IPIVPRn[A] is set.
Figure 10-7. IPI Vector/Priority Registers (IPIVPRn)
Table 10-12 describes the IPIVPRn fields.
10.3.1.6 Spurious Vector Register (SVR)
The spurious vector register (SVR) shown in Figure 10-8 contains the 16-bit vector returned to the
processor when the IACK register is read for a spurious interrupt. See Section 10.4.4, “Spurious
Vector Generation,” for more information about the events and conditions that may cause a
spurious vector fetch.
01
2
11 12
15 16
31
R
MSK
A
000
0000000
PRIORITY
VECTOR
W
Reset
1000_0000_0000_0000_0000_0000_0000_0000
Offset
0x4_10A0, 0x4_10B0, 0x4_10C0, 0x4_10D0
Table 10-12. IPIVPRn Field Descriptions
Bits
Name
Description
0
MSK
Mask. Mask interrupts from this source. Always set following reset.
0 An interrupt request is generated if the corresponding IPR bit is set.
1 Further interrupts from this source are disabled.
1
A
Activity. Indicates an interrupt has been reported or is in-service. Note that this field is read only.
The VECTOR and PRIORITY values should not be changed while IPIVPRn[A] is set.
0 No current interrupt activity associated with this source.
1 The interrupt bit for this source in the IPR or ISR is set.
2–11
—
Reserved
12–15 PRIORITY Priority. Specifies the interrupt priority. The lowest priority is 0 and the highest priority is 15. A
priority level of 0 disables interrupt reporting from this source.
16–31
VECTOR
Vector. The vector value in this field is returned when the interrupt acknowledge (IACK) register
is read and this interrupt resides in the interrupt request register (IRR) shown in Figure 10-37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com