Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 438 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 438 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 434Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 435Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 441Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 442Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-34
Freescale Semiconductor
Programmable Interrupt Controller
Table 10-31 describes the EIDR fields. Because external interrupts can be channeled only to
processor 0, the P0 bit is permanently set. As shown in Figure 10-37, if either the CI or EP bits are
set, the interrupt is not sent to the processor’s interrupt input.
The EP or CI fields must be set only for level-sensitive interrupts. Setting these fields for
edge-sensitive interrupts does not provide reliable interrupt response.
10.3.6.3 Internal Interrupt Vector/Priority Registers (IIVPR0–IIVPR31)
The internal interrupt vector/priority registers (IIVPRn), shown in Figure 10-27, have the same
fields and format as the GTVPRn, except that they apply to the internal interrupt sources listed in
Table 10-4. These interrupts are all level-sensitive.
NOTE
Because all internal interrupts are active-high, clearing any IIVPRn
polarity field disables that interrupt. Care should be taken to ensure
this field is not inadvertently corrupted when loading or reloading
IIVPRs with priority, mask, or vector data.
Figure 10-27. Internal Interrupt Vector/Priority Registers (IIVPRn)
Table 10-31. EIDRn Field Descriptions
Bits
Name
Description
0
EP
External pin. Allows external interrupt to be serviced externally.
0 External interrupt is serviced internally with int signal to the processor core.
1 External interrupt is directed to IRQ_OUT for external service.
1
CI
Critical interrupt.
0 External interrupt is serviced internally with int signal to the processor core.
1 External interrupt is directed to the processor 0 as a critical interrupt with the cint signal.
2–30
—
Reserved
31
P0
Processor 0. Indicates that processor 0 handles any interrupt. This bit is meaningful only in a multi-core
device. Because the MPC8540 is a single-core device, all interrupts that are serviced internally are
always directed to processor 0. Permanently set and read only.
1 Interrupt directed to processor 0.
0
1
2
7
8
9
11 12
15 16
31
R
MSK
A 0000
00
P
000
PRIORITY
VECTOR
W
Reset
1000_0000_1000_0000_0000_0000_0000_0000
Offset
IIVPR0–7: 0x5_0200, 0x5_0220, 0x5_0240, 0x5_0260, 0x5_0280, 0x5_02A0, 0x5_02C0, 0x5_02E0
IIVPR8–15: 0x5_0300, 0x5_0320, 0x5_0340, 0x5_0360, 0x5_0380, 0x5_03A0, 0x5_03C0, 0x5_03E0
IIVPR16–23: 0x5_0400, 0x5_0420, 0x5_0440, 0x5_0460, 0x5_0480, 0x5_04A0, 0x5_04C0, 0x5_04E0
IIVPR24–31: 0x5_0500, 0x5_0520, 0x5_0540, 0x5_0560, 0x5_0580, 0x5_05A0, 0x5_05C0, 0x5_05E0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com