Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 440 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 440 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 441Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 442Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 443Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 444Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-36
Freescale Semiconductor
Programmable Interrupt Controller
Table 10-33 describes the IIDRn fields.
10.3.6.5 Messaging Interrupt Vector/Priority Registers (MIVPR0–MIVPR3)
The messaging interrupt vector/priority registers (MIVPRn), shown in Figure 10-29, have the
same fields and format as the GTVPRn, except they apply to messaging interrupts.
Figure 10-29. Messaging Interrupt Vector/Priority Registers (MIVPRn)
Table 10-34 describes the MIVPRn fields.
Table 10-33. IIDRn Field Descriptions
Bits
Name
Description
0
EP
External pin. Allows internal interrupt to be serviced externally.
0 Internal interrupt is serviced internally with int signal to the processor core.
1 Internal interrupt is directed to IRQ_OUT for external service. The behavior of the PIC is not defined
if both EP and CI are set on the same interrupt destination register.
1
CI
Critical interrupt.
0 Internal interrupt is serviced internally with int signal to the processor core.
1 Internal interrupt is directed to the processor 0 as a critical interrupt with the cint signal. The behavior
of the PIC is not defined if both EP and CI are set on the same interrupt destination register.
2–30
—
Reserved
31
P0
Processor 0. Indicates that processor 0 handles any interrupt. This bit is meaningful only in a multi-core
device. Because the MPC8540 is a single-core device, all interrupts that are serviced internally are
always directed to processor 0. Permanently set and read only.
1 Interrupt directed to processor 0.
01
2
11 12
15 16
31
R
MSK
A 0
0
000
000
00
PRIORITY
VECTOR
W
Reset
1000_0000_0000_0000_0000_0000_0000_0000
Offset
0x5_1600, 0x5_1620, 0x5_1640, 0x5_1660,
Table 10-34. MIVPRn Field Descriptions
Bits
Name
Description
0
MSK
Mask. Mask interrupts from this source.
0 An interrupt request is generated when the corresponding IPR field is set.
1 Further interrupts from this source are disabled.
1
A
Activity. Indicates an interrupt has been requested or is in-service. Note this field is read only. The
VECTOR and PRIORITY values should not be changed while MIVPRn[A] is set.
0 No current interrupt activity associated with this source.
1 The interrupt field for this source is set in the IPR or ISR.
2–11
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com