| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 444 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 444 Page - Freescale Semiconductor, Inc |
|
444 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 10-40 Freescale Semiconductor Programmable Interrupt Controller Table 10-37 describes the IPIDRn fields. 10.3.7.2 Processor Current Task Priority Register (CTPR) There is one CTPR on this device (MPC8540) shown in Figure 10-33. Software must write the priority of the current processor task in the CTPR. The PIC uses this value for comparison with the priority of incoming interrupts. Given several concurrent incoming interrupts, the highest priority interrupt is asserted to the core if the following apply: • The interrupt is not masked • The priority of the interrupt is higher than the values in the CTPR and ISR Priority levels from 0 (lowest) to 15 (highest) are supported. Setting the task priority to 15 masks all external interrupts signaled through the int signal. Hardware sets CTPR to 0x0000_000F during reset or when the Px field of the processor initialization register is set. This effectively prevents the PIC from signaling any interrupts through the int signal. Figure 10-33. Processor Current Task Priority Register (CTPR) Table 10-38 describes the CTPR. Table 10-37. IPIDRn Field Descriptions Bits Name Description 0–30 — Reserved 31 P0 Processor 0. Determines if processor 0 receives the interrupt. Write only. 0 Processor 0 does not receive the interrupt. 1 Directs the interrupt to processor 0. 0 27 28 31 R 0000000000 000000000000 000000 TASKP W Reset 0000_0000_0000_0000_0000_0000_0000_1111 Offset 0x6_0080 (see Section 10.3.7, “Per-CPU Registers.”) Table 10-38. CTPR Field Descriptions Bits Name Description 0–27 — Reserved 28–31 TASKP Task priority. This field is set from 0 to 15, where 15 corresponds to the highest priority for processor tasks. If CTPR[TASKP] = 0xF, no interrupts are signaled to the processor. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |