Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 446 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 446 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 442Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 443Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 444Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 445Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 446Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 447Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 448Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 449Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 450Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-42
Freescale Semiconductor
Programmable Interrupt Controller
Figure 10-35. Processor Interrupt Acknowledge Register (IACK)
Table 10-40 describes the IACK fields.
10.3.7.5 Processor End of Interrupt Register (EOI)
Writing to the end of interrupt (EOI) register shown in Figure 10-36 signals the end of processing
for the highest-priority interrupt currently in-service by the processor. The write to the EOI updates
the ISR by retiring the highest priority interrupt. Data values written to this register are ignored,
and zero is assumed.
Figure 10-36. End of Interrupt Register (EOI)
Table 10-41 describes the EOI fields.
015
16
31
R 0
0000 0000 000 000
0
VECTOR
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x6_00A0 (see Section 10.3.7, “Per-CPU Registers.”)
Table 10-40. IACK Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31 VECTOR Interrupt vector. Vector of the highest pending interrupt (read only)
0
27
28
31
R 0 0 0
0
00000000
00000000
0000000
0
W
EOI CODE
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x6_00B0 (see Section 10.3.7, “Per-CPU Registers.”)
Table 10-41. EOI Field Descriptions
Bits
Name
Description
0–27
—
Reserved
28–31 EOI CODE 0000 (write only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com